công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 304 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 304 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
304
Freescale Semiconductor
17.3.8
Error Interrupt Enable Register (ERRENB)
3
DFN8F
Data Field Error Flag — The data field received was not an interval of 8 bits. The USB Specification specifies
that the data field must be an integer number of bytes. If the data field was not an integer number of bytes, this
bit will be set.
0 The data field was an integer number of bytes
1 The data field was not an integer number of bytes
2
CRC16F
CRC16 Error Flag — The CRC16 failed. If set, the data packet was rejected due to a CRC16 error.
0 No CRC16 error detected
1 CRC16 error detected
1
CRC5F
CRC5 Error Flag — This bit will detect a CRC5 error in the token packets generated by the host. If set, the
token packet was rejected due to a CRC5 error.
0 No CRC5 error detected
1 CRC5 error detected, and the token packet was rejected.
0
PIDERRF
PID Error Flag — The PID check failed.
0 No PID check error detected
1 PID check error detected
76
54
321
0
R
BTSERR
0
BUFERR
BTOERR
DFN8
CRC16
CRC5
PIDERR
W
Reset
0
00
000
00
Figure 17-11. Error Interrupt Enable Register (ERRENB)
Table 17-12. ERRSTAT Field Descriptions
Field
Description
7
BTSERR
BTSERR Interrupt Enable — Setting this bit will enable BTSERR interrupts.
0 Interrupt disabled
1 Interrupt enabled
5
BUFERR
BUFERR Interrupt Enable — Setting this bit will enable BUFERR interrupts.
0 Interrupt disabled
1 Interrupt enabled
4
BTOERR
BTOERR Interrupt Enable — Setting this bit will enable BTOERR interrupts.
0 Interrupt disabled
1 Interrupt enabled
3
DFN8
DFN8 Interrupt Enable — Setting this bit will enable DFN8 interrupts.
0 Interrupt disabled
1 Interrupt enabled
2
CRC16
CRC16 Interrupt Enable — Setting this bit will enable CRC16 interrupts.
0 Interrupt disabled
1 Interrupt enabled
Table 17-11. ERRSTAT Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com