công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 352 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 352 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 348Page - NXP Semiconductors HCS08 Datasheet HTML 349Page - NXP Semiconductors HCS08 Datasheet HTML 350Page - NXP Semiconductors HCS08 Datasheet HTML 351Page - NXP Semiconductors HCS08 Datasheet HTML 352Page - NXP Semiconductors HCS08 Datasheet HTML 353Page - NXP Semiconductors HCS08 Datasheet HTML 354Page - NXP Semiconductors HCS08 Datasheet HTML 355Page - NXP Semiconductors HCS08 Datasheet HTML 356Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
352
Freescale Semiconductor
19
P
Low-voltage detection threshold —
High range
VDD falling
VDD rising
VLVD1
3.9
4.0
4.0
4.1
4.1
4.2
V
P
Low-voltage detection threshold —
Low range
VDD falling
VDD rising
VLVD0
2.48
2.54
2.56
2.62
2.64
2.70
V
20
P
Low-voltage warning threshold —
High range 1
VDD falling
VDD rising
VLVW3
4.5
4.6
4.6
4.7
4.7
4.8
V
21
C
Low-voltage warning threshold —
High range 0
VDD falling
VDD rising
VLVW2
4.2
4.3
4.3
4.4
4.4
4.5
V
22
P
Low-voltage warning threshold
Low range 1
VDD falling
VDD rising
VLVW1
2.84
2.90
2.92
2.98
3.00
3.06
V
23
C
Low-voltage warning threshold —
Low range 0
VDD falling
VDD rising
VLVW0
2.66
2.72
2.74
2.80
2.82
2.88
V
24
25
T
Low-voltage inhibit reset/recover hysteresis
+5V
+3V
Vhys
—
—
100
60
—
—
mV
mV
26
P
Bandgap voltage reference
factory trimmed at VDD = 5.0 V, Temp = 25°C
VBG
1.19
1.20
1.21
V
1 Typical values are based on characterization data at 25
°C unless otherwise stated.
2 Maximum is highest voltage that POR is guaranteed.
3 Measured with V
In = VSS.
4 Measured with V
In = VDD.
5 Power supply must maintain regulation within operating V
DD range during instantaneous and operating
maximum current conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may
flow out of VDD and could result in external power supply going out of regulation. Ensure external VDD load will
shunt current greater than maximum injection current. This will be the greatest risk when the MCU is not
consuming power. Examples are: if no system clock is present, or if clock rate is very low (which would reduce
overall power consumption).
6 All functional non-supply pins are internally clamped to VSS and VDD.
7 Input must be current limited to the value specified. To determine the value of the required current-limiting
resistor, calculate resistance values for positive and negative clamp voltages, then use the larger of the two
values.
8 The RESET pin does not have a clamp diode to VDD. Do not drive this pin above VDD.
Table A-6. DC Characteristics (continued)
Num C
Parameter
Symbol
Min
Typical1
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com