công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 355 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 355 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 351Page - NXP Semiconductors HCS08 Datasheet HTML 352Page - NXP Semiconductors HCS08 Datasheet HTML 353Page - NXP Semiconductors HCS08 Datasheet HTML 354Page - NXP Semiconductors HCS08 Datasheet HTML 355Page - NXP Semiconductors HCS08 Datasheet HTML 356Page - NXP Semiconductors HCS08 Datasheet HTML 357Page - NXP Semiconductors HCS08 Datasheet HTML 358Page - NXP Semiconductors HCS08 Datasheet HTML 359Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
355
A.7
Supply Current Characteristics
Table A-7. Supply Current Characteristics
Num
C
Parameter
Symbol
VDD (V)
Typical1
1 Typicals are measured at 25
°C.
Max2
2 Values given here are preliminary estimates prior to completing characterization.
Unit
1C
Run supply current3 measured at
(Core clock = 2 MHz, fBus = 1 MHz, BLPE mode)
3 All modules except USB and ADC active, Oscillator disabled (ERCLKEN = 0), using external clock resource for input, and does
not include any dc loads on port pins.
RIDD
51.1
1.6
mA
30.8
1.5
2P
Run supply current3 measured at
(Core clock = 8 MHz, fBus = 4 MHz, FBE mode)
54.9
8
mA
34.3
7
3C
Run supply current3 measured at
(Core clock = 48 MHz, fBus = 24 MHz, PEE mode)
523
30
mA
322
30
4P
Stop2 mode supply current
–40
°C
25
°C
85
°C
–40
°C
25
°C
85
°C
S2I
DD
50.80
3
3
20
μA
30.80
3
3
20
μA
5P
Stop3 mode supply current
–40
°C
25
°C
85
°C
–40
°C
25
°C
85
°C
S3I
DD
50.90
3
3
20
μA
30.90
3
3
20
μA
6P
Adder to stop2 or stop3 for RTC enabled4, 25
°C
4 Most customers are expected to find that auto-wakeup from stop2 or stop3 can be used instead of the higher current wait mode.
Wait mode typical is 560
μA at 5 V and 422 μA at 3V with f
Bus = 1 MHz.
ΔI
SRTC
5300
nA
3300
nA
7P
Adder to stop3 for LVD enabled
(LVDE = LVDSE = 1)
ΔI
SLVD
5110
μA
390
μA
8P
Adder to stop3 for oscillator enabled5
(ERCLKEN = 1 and EREFSTEN = 1)
5 Values given under the following conditions: low range operation (RANGE = 0), low power mode (HGO = 0).
ΔI
SOSC
55
μA
35
μA
9
T
USB module enable current6
ΔI
USBE
51.5
mA
10
T
USB suspend current7
I
SUSP
5
270
500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com