công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 356 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 356 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 352Page - NXP Semiconductors HCS08 Datasheet HTML 353Page - NXP Semiconductors HCS08 Datasheet HTML 354Page - NXP Semiconductors HCS08 Datasheet HTML 355Page - NXP Semiconductors HCS08 Datasheet HTML 356Page - NXP Semiconductors HCS08 Datasheet HTML 357Page - NXP Semiconductors HCS08 Datasheet HTML 358Page - NXP Semiconductors HCS08 Datasheet HTML 359Page - NXP Semiconductors HCS08 Datasheet HTML 360Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
356
Freescale Semiconductor
A.8
Analog Comparator (ACMP) Electricals
A.9
ADC Characteristics
6 Here USB module is enabled and clocked at 48 MHz (USBEN = 1, USBVREN =1, USBPHYEN = 1 and USBPU = 1), and D+
and D– pull down by two 15.1k
Ω resisters independently. The current consumption may be much higher when the packets are
being transmitted through the attached cable.
7 MCU enters into Stop3 mode, USB bus in idle state. The USB suspend current will be dominated by the D+ pull up resister.
Table A-8. Analog Comparator Electrical Specifications
Num
C
Rating
Symbol
Min
Typical
Max
Unit
1
—
Supply voltage
VDD
2.7
—
5.5
V
2
D
Supply current (active)
IDDAC
—20
35
μA
3
D
Analog input voltage
VAIN
VSS – 0.3
—
VDD
V
4
D
Analog input offset voltage
VAIO
20
40
mV
5
D
Analog Comparator hysteresis
VH
3.0
6.0
20.0
mV
6
D
Analog input leakage current
IALKG
1.0
μA
7
D
Analog Comparator initialization delay
tAINIT
——
1.0
μs
Table A-9. 5 Volt 12-bit ADC Operating Conditions
Characteristic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply voltage
Absolute
VDDAD
2.7
—
5.5
V
Delta to VDD (VDD-VDDAD)
2
ΔV
DDAD
–100
0
+100
mV
Ground voltage
Delta to VSS (VSS-VSSAD)
2
ΔV
SSAD
–100
0
+100
mV
Ref Voltage
High
VREFH
2.7
VDDAD
VDDAD
V
Ref Voltage
Low
VREFL
VSSAD
VSSAD
VSSAD
V
Input Voltage
VADIN
VREFL
—VREFH
V
Input
Capacitance
CADIN
—4.5
5.5
pF
Input
Resistance
RADIN
—3
5
k
Ω
Analog Source
Resistance
12 bit mode
fADCK > 4 MHz
fADCK < 4 MHz
RAS
—
—
—
—
2
5
k
Ω
External to MCU
10 bit mode
fADCK > 4 MHz
fADCK < 4 MHz
—
—
—
—
5
10
8 bit mode (all valid fADCK)—
—
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com