công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 360 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 360 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 356Page - NXP Semiconductors HCS08 Datasheet HTML 357Page - NXP Semiconductors HCS08 Datasheet HTML 358Page - NXP Semiconductors HCS08 Datasheet HTML 359Page - NXP Semiconductors HCS08 Datasheet HTML 360Page - NXP Semiconductors HCS08 Datasheet HTML 361Page - NXP Semiconductors HCS08 Datasheet HTML 362Page - NXP Semiconductors HCS08 Datasheet HTML 363Page - NXP Semiconductors HCS08 Datasheet HTML 364Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
360
Freescale Semiconductor
A.10 External Oscillator (XOSC) Characteristics
Table A-11. Oscillator Electrical Specifications (Temperature Range = –40 to 85
°C Ambient)
Num C
Rating
Symbol
Min
Typ1
1 Typical data was characterized at 3.0 V, 25
°C or is recommended value.
Max
Unit
1C
Oscillator crystal or resonator (EREFS = 1, ERCLKEN = 1)
Low range (RANGE = 0)
High range (RANGE = 1) FEE or FBE mode 2
High range (RANGE = 1) PEE or PBE mode 3
High range (RANGE = 1, HGO = 1) BLPE mode
High range (RANGE = 1, HGO = 0) BLPE mode
2 When MCG is configured for FEE or FBE mode, input clock source must be divided using RDIV to within the range of 31.25 kHz
to 39.0625 kHz.
3 When MCG is configured for PEE or PBE mode, input clock source must be divided using RDIV to within the range of 1 MHz to
2 MHz.
flo
fhi-fll
fhi-pll
fhi-hgo
fhi-lp
32
1
1
1
1
—
—
—
—
—
38.4
5
16
16
8
kHz
MHz
MHz
MHz
MHz
2
— Load capacitors
C1, C2
See crystal or resonator
manufacturer’s recommendation.
3—
Feedback resistor
Low range (32 kHz to 38.4 kHz)
High range (1 MHz to 16 MHz)
RF
10
1
M
Ω
M
Ω
4—
Series resistor
Low range, low gain (RANGE = 0, HGO = 0)
Low range, high gain (RANGE = 0, HGO = 1)
High range, low gain (RANGE = 1, HGO = 0)
High range, high gain (RANGE = 1, HGO = 1)
≥ 8 MHz
4 MHz
1 MHz
RS
—
—
—
—
—
—
0
100
0
0
0
0
—
—
—
0
10
20
k
Ω
5T
Crystal start-up time 4
Low range, low gain (RANGE = 0, HGO = 0)
Low range, high gain (RANGE = 0, HGO = 1)
High range, low gain (RANGE = 1, HGO = 0)5
High range, high gain (RANGE = 1, HGO = 1)5
4 This parameter is characterized and not tested on each device. Proper PC board layout procedures must be followed to achieve
specifications.
5 4 MHz crystal
t
CSTL-LP
t
CSTL-HGO
t
CSTH-LP
t
CSTH-HGO
—
—
—
—
200
400
5
15
—
—
—
—
ms
6T
Square wave input clock frequency (EREFS = 0, ERCLKEN = 1)
FEE or FBE mode 2
PEE or PBE mode 3
BLPE mode
fextal
0.03125
1
0
—
—
—
5
16
40
MHz
MHz
MHz
MCU
EXTAL
XTAL
Crystal or Resonator
RS
C2
RF
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com