công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 362 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 362 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 358Page - NXP Semiconductors HCS08 Datasheet HTML 359Page - NXP Semiconductors HCS08 Datasheet HTML 360Page - NXP Semiconductors HCS08 Datasheet HTML 361Page - NXP Semiconductors HCS08 Datasheet HTML 362Page - NXP Semiconductors HCS08 Datasheet HTML 363Page - NXP Semiconductors HCS08 Datasheet HTML 364Page - NXP Semiconductors HCS08 Datasheet HTML 365Page - NXP Semiconductors HCS08 Datasheet HTML 366Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
362
Freescale Semiconductor
o
A.12 AC Characteristics
This section describes ac timing characteristics for each peripheral system.
A.12.1
Control Timing
4 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
BUS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise injected
into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter percentage for a given
interval.
5 Jitter measurements are based upon a 48 MHz MCGOUT clock frequency..
6 Below D
lock minimum, the MCG is guaranteed to enter lock. Above Dlock maximum, the MCG will not enter lock. But if the MCG
is already in lock, then the MCG may stay in lock.
7 Below D
unl minimum, the MCG will not exit lock if already in lock. Above Dunl maximum, the MCG is guaranteed to exit lock.
Table A-13. Control Timing
Num
C
Parameter
Symbol
Min
Typ1
1 Typical values are based on characterization data at V
DD = 5.0 V, 25 °C unless otherwise stated.
Max
Unit
1
Bus frequency (tcyc = 1/fBus)fBus
dc
—
24
MHz
2
Internal low-power oscillator period
tLPO
700
1300
μs
3
External reset pulse width2
2 This is the shortest pulse that is guaranteed to be recognized as a reset pin request. Shorter pulses are not guaranteed to
override reset requests from internal sources.
textrst
100
—
ns
4
Reset low drive
trstdrv
66 x tcyc
—ns
5
Active background debug mode latch setup time
tMSSU
500
—
ns
6
Active background debug mode latch hold time
tMSH
100
—
ns
7
IRQ pulse width
Asynchronous path2
Synchronous path3
3 This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or
may not be recognized. In stop mode, the synchronizer is bypassed so shorter pulses can be recognized in that case.
tILIH, tIHIL
100
1.5 x tcyc
——
ns
8
KBIPx pulse width
Asynchronous path2
Synchronous path3
tILIH, tIHIL
100
1.5 x tcyc
——
ns
9
Port rise and fall time
low output drive (PTxDS = 0), (load = 50 pF)4
Slew rate control disabled (PTxSE = 0)
Slew rate control enabled (PTxSE = 1)
high output drive (PTxDS = 1), (load = 50 pF)
Slew rate control disabled (PTxSE = 0)
Slew rate control enabled (PTxSE = 1)
4 Timing is shown with respect to 20% V
DD and 80% VDD levels. Temperature range –40 °C to 85 °C.
tRise, tFall
—
—
—
—
40
75
11
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com