công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 361 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 361 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 357Page - NXP Semiconductors HCS08 Datasheet HTML 358Page - NXP Semiconductors HCS08 Datasheet HTML 359Page - NXP Semiconductors HCS08 Datasheet HTML 360Page - NXP Semiconductors HCS08 Datasheet HTML 361Page - NXP Semiconductors HCS08 Datasheet HTML 362Page - NXP Semiconductors HCS08 Datasheet HTML 363Page - NXP Semiconductors HCS08 Datasheet HTML 364Page - NXP Semiconductors HCS08 Datasheet HTML 365Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
361
A.11 MCG Specifications
Table A-12. MCG Frequency Specifications (Temperature Range = –40 to 125
°C Ambient)
Num C
Rating
Symbol
Min
Typical
Max
Unit
1P
Internal reference frequency - factory trimmed at VDD =
5 V and temperature = 25
°C
fint_ft
—
31.25
—
kHz
2P Average internal reference frequency – untrimmed 1
1 TRIM register at default value (0x80) and FTRIM control bit at default value (0x0).
fint_ut
25
32.7
41.66
kHz
3
P Average internal reference frequency Q – user trimmed
fint_t
31.25
—
39.0625
kHz
4
D Internal reference startup time
tirefst
—60
100
μs
5—
DCO output frequency range - untrimmed 1
value provided for reference: fdco_ut = 1024 X fint_ut
fdco_ut
25.6
33.48
42.66
MHz
6
P DCO output frequency range - trimmed
fdco_t
32
—
40
MHz
7C
Resolution of trimmed DCO output frequency at fixed
voltage and temperature (using FTRIM)
Δf
dco_res_t
—
±0.1
±0.2
%fdco
8C
Resolution of trimmed DCO output frequency at fixed
voltage and temperature (not using FTRIM)
Δf
dco_res_t
—
±0.2
±0.4
%fdco
9P
Total deviation of trimmed DCO output frequency over
voltage and temperature
Δf
dco_t
—
+0.5
–1.0
±2
%fdco
10
C
Total deviation of trimmed DCO output frequency over
fixed voltage and temperature range of 0 –70
°C
Δf
dco_t
—
±0.5
±1
%fdco
11
C FLL acquisition time 2
2 This specification applies to any time the FLL reference source or reference divider is changed, trim value changed or changing
from FLL disabled (BLPE, BLPI) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as the reference, this
specification assumes it is already running.
tfll_acquire
——
1
ms
12
D PLL acquisition time 3
3 This specification applies to any time the PLL VCO divider or reference divider is changed, or changing from PLL disabled (BLPE,
BLPI) to PLL enabled (PBE, PEE). If a crystal/resonator is being used as the reference, this specification assumes it is already
running.
tpll_acquire
——
1
ms
13
C
Long term Jitter of DCO output clock (averaged over
2ms interval) 4
CJitter
—
0.02
0.2
%fdco
14
D VCO operating frequency
fvco
7.0
—
55.0
MHz
15
D PLL reference frequency range
fpll_ref
1.0
—
2.0
MHz
16
T
Long term accuracy of PLL output clock (averaged over
2 ms)
fpll_jitter_2ms
—
0.5905
—
%fpll
17
T Jitter of PLL output clock measured over 625 ns
fpll_jitter_625ns
—
0.5665
—
%fpll
18
D Lock entry frequency tolerance 6
Dlock
±1.49
—
±2.98
%
19
D Lock exit frequency tolerance 7
Dunl
±4.47
—
±5.97
%
20
D Lock time – FLL
tfll_lock
——
tfll_acquire+
1075(1/fint_t)
s
21
D Lock time – PLL
tpll_lock
——
tpll_acquire+
1075(1/fpll_ref)
s
22
D Loss of external clock minimum frequency – RANGE = 0
floc_low
(3/5) x fint
—
—
kHz
23
D Loss of external clock minimum frequency – RANGE = 1
floc_high
(16/5) x fint
—
—
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com