công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 350 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 350 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 346Page - NXP Semiconductors HCS08 Datasheet HTML 347Page - NXP Semiconductors HCS08 Datasheet HTML 348Page - NXP Semiconductors HCS08 Datasheet HTML 349Page - NXP Semiconductors HCS08 Datasheet HTML 350Page - NXP Semiconductors HCS08 Datasheet HTML 351Page - NXP Semiconductors HCS08 Datasheet HTML 352Page - NXP Semiconductors HCS08 Datasheet HTML 353Page - NXP Semiconductors HCS08 Datasheet HTML 354Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
350
Freescale Semiconductor
A.6
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power
supply current in various operating modes.
Table A-4. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human Body
Series Resistance
R1
1500
Ω
Storage Capacitance
C
100
pF
Number of Pulse per pin
—
3
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V
Table A-5. ESD and Latch-Up Protection Characteristics
Num
Rating
Symbol
Min
Max
Unit
1
Human Body Model (HBM)
VHBM
±2000
—
V
2
Charge Device Model (CDM)
VCDM
±500
—
V
3
Latch-up Current at TA = 85°CILAT
±100
—
mA
Table A-6. DC Characteristics
Num C
Parameter
Symbol
Min
Typical1
Max.
Unit
1
Operating voltage2
2.7
—
5.5
V
2P
Output high voltage — Low drive (PTxDSn = 0)
5 V, ILoad = –4 mA
3 V, ILoad = –2 mA
5 V, ILoad = –2 mA
3 V, ILoad = –1 mA
VOH
VDD – 1.5
VDD – 1.5
VDD – 0.8
VDD – 0.8
—
—
—
—
—
—
—
—
V
Output high voltage — High drive (PTxDSn = 1)
5 V, ILoad = –15 mA
3 V, ILoad = –8 mA
5 V, ILoad = –8 mA
3 V, ILoad = –4 mA
VDD – 1.5
VDD – 1.5
VDD – 0.8
VDD – 0.8
—
—
—
—
—
—
—
—
3P
Output low voltage — Low drive (PTxDSn = 0)
5 V, ILoad = 4 mA
3 V, ILoad = 2 mA
5 V, ILoad = 2 mA
3 V, ILoad = 1 mA
VOL
—
—
—
—
—
—
—
—
1.5
1.5
0.8
0.8
V
Output low voltage — High drive (PTxDSn = 1)
5 V, ILoad = 15 mA
3 V, ILoad = 8 mA
5 V, ILoad = 8 mA
3 V, ILoad = 4 mA
—
—
—
—
—
—
—
—
1.5
1.5
0.8
0.8
4
P Output high current — Max. total IOH for all ports
5 V
3 V
IOHT
—
—
—
—
100
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com