công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 348 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 348 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 344Page - NXP Semiconductors HCS08 Datasheet HTML 345Page - NXP Semiconductors HCS08 Datasheet HTML 346Page - NXP Semiconductors HCS08 Datasheet HTML 347Page - NXP Semiconductors HCS08 Datasheet HTML 348Page - NXP Semiconductors HCS08 Datasheet HTML 349Page - NXP Semiconductors HCS08 Datasheet HTML 350Page - NXP Semiconductors HCS08 Datasheet HTML 351Page - NXP Semiconductors HCS08 Datasheet HTML 352Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
348
Freescale Semiconductor
A.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package
thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in
on-chip logic and it is user-determined rather than being controlled by the MCU design. In order to take
PI/O into account in power calculations, determine the difference between actual pin voltage and VSS or
VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current (heavy
loads), the difference between pin voltage and VSS or VDD will be very small.
Table A-2. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VDD
– 0.3 to + 5.8
V
Input voltage
VIn
– 0.3 to VDD + 0.3
V
Instantaneous maximum current
Single pin limit (applies to all port pins)1, 2, 3
1 Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low which would reduce overall power
consumption.
ID
± 25
mA
Maximum current into VDD
IDD
120
mA
Storage temperature
Tstg
–55 to +150
°C
Table A-3. Thermal Characteristics
Num
C
Rating
Symbol
Value
Unit
Temp.
Code
1
T
Operating temperature range (packaged)
TA
–40 to 85
°CC
2
D Maximum junction temperature
TJ
135
°C
3T
Thermal resistance
Single layer board
64-pin QFP
64-pin LQFP
48-pin QFN
44-pin LQFP
Four layer board
64-pin QFP
64-pin LQFP
48-pin QFN
44-pin LQFP
θ
JA
55
73
84
71
41
54
28
49
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com