công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 263 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 263 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 259Page - NXP Semiconductors HCS08 Datasheet HTML 260Page - NXP Semiconductors HCS08 Datasheet HTML 261Page - NXP Semiconductors HCS08 Datasheet HTML 262Page - NXP Semiconductors HCS08 Datasheet HTML 263Page - NXP Semiconductors HCS08 Datasheet HTML 264Page - NXP Semiconductors HCS08 Datasheet HTML 265Page - NXP Semiconductors HCS08 Datasheet HTML 266Page - NXP Semiconductors HCS08 Datasheet HTML 267Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
263
NOTE
Care must be taken when expecting data from a master while the slave is in
wait or stop3 mode. Even though the shift register will continue to operate,
the rest of the SPI is shut down (i.e. a SPRF interrupt will not be generated
until exiting stop or wait mode). Also, the data from the shift register will
not be copied into the SPIxDH:SPIxDL registers until after the slave SPI has
exited wait or stop mode. A SPRF flag and SPIxDH:SPIxDL copy is only
generated if wait mode is entered or exited during a tranmission. If the slave
enters wait mode in idle mode and exits wait mode in idle mode, neither a
SPRF nor a SPIxDH:SPIxDL copy will occur.
15.4.9.3
SPI in Stop Mode
Stop3 mode is dependent on the SPI system. Upon entry to stop3 mode, the SPI module clock is disabled
(held high or low). If the SPI is in master mode and exchanging data when the CPU enters stop mode, the
transmission is frozen until the CPU exits stop mode. After stop, data to and from the external SPI is
exchanged correctly. In slave mode, the SPI will stay synchronized with the master.
The stop mode is not dependent on the SPISWAI bit.
In all other stop modes, the SPI module is completely disabled. After stop, all registers are reset to their
default values, and the SPI module must be re-initialized.
15.4.9.4
Reset
The reset values of registers and signals are described in Section 15.3, “Register Definition.” which details
the registers and their bit-fields.
•
If a data transmission occurs in slave mode after reset without a write to SPIxDH:SPIxDL, it will
transmit garbage, or the data last received from the master before the reset.
•
Reading from the SPIxDH:SPIxDL after reset will always read zeros.
15.4.9.5
Interrupts
The SPI only originates interrupt requests when the SPI is enabled (SPE bit in SPIxC1 set). The following
is a description of how the SPI makes a request and how the MCU should acknowledge that request. The
interrupt vector offset and interrupt priority are chip dependent.
15.4.10 SPI Interrupts
There are four flag bits, three interrupt mask bits, and one interrupt vector associated with the SPI system.
The SPI interrupt enable mask (SPIE) enables interrupts from the SPI receiver full flag (SPRF) and mode
fault flag (MODF). The SPI transmit interrupt enable mask (SPTIE) enables interrupts from the SPI
transmit buffer empty flag (SPTEF). The SPI match interrupt enable mask bit (SPIMIE) enables interrupts
from the SPI match flag (SPMF). When one of the flag bits is set, and the associated interrupt mask bit is
set, a hardware interrupt request is sent to the CPU. If the interrupt mask bits are cleared, software can poll
the associated flag bits instead of using interrupts. The SPI interrupt service routine (ISR) should check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com