công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 266 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 266 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 262Page - NXP Semiconductors HCS08 Datasheet HTML 263Page - NXP Semiconductors HCS08 Datasheet HTML 264Page - NXP Semiconductors HCS08 Datasheet HTML 265Page - NXP Semiconductors HCS08 Datasheet HTML 266Page - NXP Semiconductors HCS08 Datasheet HTML 267Page - NXP Semiconductors HCS08 Datasheet HTML 268Page - NXP Semiconductors HCS08 Datasheet HTML 269Page - NXP Semiconductors HCS08 Datasheet HTML 270Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
266
Freescale Semiconductor
SPIxC2 = 0xC0(%11000000)
Bit 7
SPMIE
= 1
SPI hardware match interrupt enabled
Bit 6
SPIMODE
= 1
Configures SPI for 16-bit mode
Bit 5
= 0
Unimplemented
Bit 4
MODFEN
= 0
Disables mode fault function
Bit 3
BIDIROE
= 0
SPI data I/O pin acts as input
Bit 2
= 0
Unimplemented
Bit 1
SPISWAI
= 0
SPI clocks operate in wait mode
Bit 0
SPC0
= 0
uses separate pins for data input and output
SPIxBR = 0x00(%00000000)
Bit 7
= 0
Unimplemented
Bit 6:4
= 000
Sets prescale divisor to 1
Bit 3
= 0
Unimplemented
Bit 2:0
= 000
Sets baud rate divisor to 2
SPIxS = 0x00(%00000000)
Bit 7
SPRF
= 0
Flag is set when receive data buffer is full
Bit 6
SPMF
= 0
Flag is set when SPIMH/L = receive data buffer
Bit 5
SPTEF
= 0
Flag is set when transmit data buffer is empty
Bit 4
MODF
= 0
Mode fault flag for master mode
Bit 3:0
= 0
Unimplemented
SPIxMH = 0xXX
In 16-bit mode, this register holds bits 8–15 of the hardware match buffer. In 8-bit mode, writes to this register will be
ignored.
SPIxML = 0xXX
Holds bits 0–7 of the hardware match buffer.
SPIxDH = 0xxx
In 16-bit mode, this register holds bits 8–15 of the data to be transmitted by the transmit buffer and received by the
receive buffer.
SPIxDL = 0xxx
Holds bits 0–7 of the data to be transmitted by the transmit buffer and received by the receive buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com