công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 264 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 264 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 260Page - NXP Semiconductors HCS08 Datasheet HTML 261Page - NXP Semiconductors HCS08 Datasheet HTML 262Page - NXP Semiconductors HCS08 Datasheet HTML 263Page - NXP Semiconductors HCS08 Datasheet HTML 264Page - NXP Semiconductors HCS08 Datasheet HTML 265Page - NXP Semiconductors HCS08 Datasheet HTML 266Page - NXP Semiconductors HCS08 Datasheet HTML 267Page - NXP Semiconductors HCS08 Datasheet HTML 268Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
264
Freescale Semiconductor
the flag bits to determine what event caused the interrupt. The service routine should also clear the flag
bit(s) before returning from the ISR (usually near the beginning of the ISR).
15.4.10.1 MODF
MODF occurs when the master detects an error on the SS pin. The master SPI must be configured for the
MODF feature (see Table 15-2). Once MODF is set, the current transfer is aborted and the following bit is
changed:
•
MSTR=0, The master bit in SPIxC1 resets.
The MODF interrupt is reflected in the status register MODF flag. Clearing the flag will also clear the
interrupt. This interrupt will stay active while the MODF flag is set. MODF has an automatic clearing
process which is described in Section 15.3.4, “SPI Status Register (SPIxS).”
15.4.10.2 SPRF
SPRF occurs when new data has been received and copied to the SPI receive data buffer. In 8-bit mode,
SPRF is set only after all 8 bits have been shifted out of the shift register and into SPIxDL. In 16-bit mode,
SPRF is set only after all 16 bits have been shifted out of the shift register and into SPIxDH:SPIxDL.
Once SPRF is set, it does not clear until it is serviced. SPRF has an automatic clearing process which is
described in Section 15.3.4, “SPI Status Register (SPIxS).” In the event that the SPRF is not serviced
before the end of the next transfer (i.e. SPRF remains active throughout another transfer), the latter
transfers will be ignored and no new data will be copied into the SPIxDH:SPIxDL.
15.4.10.3 SPTEF
SPTEF occurs when the SPI transmit buffer is ready to accept new data. In 8-bit mode, SPTEF is set only
after all 8 bits have been moved from SPIxDL into the shifter. In 16-bit mode, SPTEF is set only after all
16 bits have been moved from SPIxDH:SPIxDL into the shifter.
Once SPTEF is set, it does not clear until it is serviced. SPTEF has an automatic clearing process which is
described in Section 15.3.4, “SPI Status Register (SPIxS).
15.4.10.4 SPMF
SPMF occurs when the data in the receive data buffer is equal to the data in the SPI match register. In 8-bit
mode, SPMF is set only after bits 8–0 in the receive data buffer are determined to be equivalent to the value
in SPIxML. In 16-bit mode, SPMF is set after bits 15–0 in the receive data buffer are determined to be
equivalent to the value in SPIxMH:SPIxML.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com