công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 188 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 188 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
188
Freescale Semiconductor
12.3.5
MCG Control Register 3 (MCGC3)
1
OSCINIT
OSC Initialization — If the external reference clock is selected by ERCLKEN or by the MCG being in FEE, FBE,
PEE, PBE, or BLPE mode, and if EREFS is set, then this bit is set after the initialization cycles of the external
oscillator clock have completed. This bit is only cleared when either EREFS is cleared or when the MCG is in
either FEI, FBI, or BLPI mode and ERCLKEN is cleared.
0
FTRIM
MCG
Fine Trim — Controls the smallest adjustment of the internal reference clock frequency. Setting FTRIM
will increase the period and clearing FTRIM will decrease the period by the smallest amount possible.
If an FTRIM value stored in nonvolatile memory is to be used, it’s the user’s responsibility to copy that value from
the nonvolatile memory location to this register’s FTRIM bit.
7
6
5
432
1
0
R
LOLIE
PLLS
CME
0
VDIV
W
Reset:
0
0
0
0
0
0
0
1
Figure 12-7. MCG PLL Register (MCGPLL)
Table 12-5. MCG PLL Register Field Descriptions
Field
Description
7
LOLIE
Loss of Lock Interrupt Enable — Determines if an interrupt request is made following a loss of lock indication.
The LOLIE bit only has an effect when LOLS is set.
0 No request on loss of lock.
1 Generate an interrupt request on loss of lock.
6
PLLS
PLL Select — Controls whether the PLL or FLL is selected. If the PLLS bit is clear, the PLL is disabled in all
modes. If the PLLS is set, the FLL is disabled in all modes.
1 PLL is selected
0 FLL is selected
Table 12-4. MCG Status and Control Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com