công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 234 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 234 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 230Page - Motorola, Inc HCS08 Datasheet HTML 231Page - Motorola, Inc HCS08 Datasheet HTML 232Page - Motorola, Inc HCS08 Datasheet HTML 233Page - Motorola, Inc HCS08 Datasheet HTML 234Page - Motorola, Inc HCS08 Datasheet HTML 235Page - Motorola, Inc HCS08 Datasheet HTML 236Page - Motorola, Inc HCS08 Datasheet HTML 237Page - Motorola, Inc HCS08 Datasheet HTML 238Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 290 page
background image
Analog-to-Digital Converter (ATD) Module
MC9S08GB/GT
234
MOTOROLA
CCF — Conversion Complete Flag
The CCF is a read-only bit which is set each time a conversion is complete. The CCF bit is cleared
whenever the ATDSC register is written. It is also cleared whenever the result registers, ATDRH or
ATDRL, are read.
1 = Current conversion is complete.
0 = Current conversion is not complete.
ATDIE — ATD Interrupt Enabled
When this bit is set, an interrupt is generated upon completion of an ATD conversion. At this time, the
result registers contain the result data generated by the conversion. The interrupt will remain pending
as long as the conversion complete flag CCF is set. If the ATDIE bit is cleared, then the CCF bit must
be polled to determine when the conversion is complete. Note that system reset clears pending
interrupts.
1 = ATD interrupt enabled.
0 = ATD interrupt disabled.
ATDCO — ATD Continuous Conversion
When this bit is set, the ATD will convert samples continuously and update the result registers at the
end of each conversion. When this bit is cleared, only one conversion is completed between writes to
the ATDSC register.
1 = Continuous conversion mode.
0 = Single conversion mode.
ATDCH — Analog Input Channel Select
This field of bits selects the analog input channel whose signal is sampled and converted to digital
codes. Table 14-5 lists the coding used to select the various analog input channels.
Table 14-5 Analog Input Channel Select Coding
ATDCH
Analog Input Channel
00
AD0
01
AD1
02
AD2
03
AD3
04
AD4
05
AD5
06
AD6
07
AD7
08–1D
Reserved (default to VREFL)
1E
VREFH
1F
VREFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com