công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 5Page - Motorola, Inc HCS08 Datasheet HTML 6Page - Motorola, Inc HCS08 Datasheet HTML 7Page - Motorola, Inc HCS08 Datasheet HTML 8Page - Motorola, Inc HCS08 Datasheet HTML 9Page - Motorola, Inc HCS08 Datasheet HTML 10Page - Motorola, Inc HCS08 Datasheet HTML 11Page - Motorola, Inc HCS08 Datasheet HTML 12Page - Motorola, Inc HCS08 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
9
MC9S08GB/GT
5.7
Real-Time Interrupt (RTI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
5.8
Reset, Interrupt, and System Control Registers and Control Bits . . . . . . . . . . . . . . 70
5.8.1
Interrupt Pin Request Status and Control Register (IRQSC) . . . . . . . . . . . . . . . . 70
5.8.2
System Reset Status Register (SRS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
5.8.3
System Background Debug Force Reset Register (SBDFR) . . . . . . . . . . . . . . . . 73
5.8.4
System Options Register (SOPT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
5.8.5
System Device Identification Register (SDIDH, SDIDL) . . . . . . . . . . . . . . . . . . . 75
5.8.6
System Real-Time Interrupt Status and Control Register (SRTISC) . . . . . . . . . . 75
5.8.7
System Power Management Status and Control 1 Register (SPMSC1) . . . . . . . 77
5.8.8
System Power Management Status and Control 2 Register (SPMSC2) . . . . . . . 78
Section 6 Internal Clock Generator (ICG) Module
6.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.1.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
6.1.2
Modes of Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
6.2
External Signal Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
6.2.1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
6.2.2
Detailed Signal Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
6.2.3
External Clock Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
6.2.4
External Crystal/Resonator Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.3
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.3.1
Off Mode (Off) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
6.3.2
Self-Clocked Mode (SCM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
6.3.3
FLL Engaged, Internal Clock (FEI) Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
6.3.4
FLL Bypassed, External Clock (FBE) Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
6.3.5
FLL Engaged, External Clock (FEE) Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
6.3.6
FLL Lock and Loss-of-Lock Detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
6.3.7
FLL Loss-of-Clock Detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
6.3.8
Clock Mode Requirements. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
6.4
Initialization/Application Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
6.4.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
6.4.2
Example #1: External Crystal = 32 kHz, Bus Frequency = 4.19 MHz . . . . . . . . . 96
6.4.3
Example #2: External Crystal = 4 MHz, Bus Frequency = 20 MHz. . . . . . . . . . . 98
6.4.4
Example #3: No External Crystal Connection, 5.4 MHz Bus Frequency . . . . . . 100
6.4.5
Example #4: Internal Clock Generator Trim . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
6.5
ICG Registers and Control Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com