công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 86 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 86 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 82Page - Motorola, Inc HCS08 Datasheet HTML 83Page - Motorola, Inc HCS08 Datasheet HTML 84Page - Motorola, Inc HCS08 Datasheet HTML 85Page - Motorola, Inc HCS08 Datasheet HTML 86Page - Motorola, Inc HCS08 Datasheet HTML 87Page - Motorola, Inc HCS08 Datasheet HTML 88Page - Motorola, Inc HCS08 Datasheet HTML 89Page - Motorola, Inc HCS08 Datasheet HTML 90Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
86
MOTOROLA
6.2.2 Detailed Signal Descriptions
This section describes each pin signal in detail.
6.2.2.1 EXTAL— External Reference Clock / Oscillator Input
If the first write to the ICG control register 1 selected FLL engaged external or FLL bypassed modes, this
signal is the analog external/reference clock or the input of the oscillator circuit. If the first write to the
ICG control register 1 selected FLL engaged internal or self-clocked modes, this signal has no effect on
the ICG.
6.2.2.2 XTAL— Oscillator Output
If the first write to the ICG control register 1 selected FLL engaged external or FLL bypassed modes using
a crystal/resonator reference, this signal is the analog output of the oscillator amplifier circuit. In all other
cases, this signal has no effect on the ICG.
6.2.3 External Clock Connections
If an external clock is used, then the pins are connected as shown below.
Figure 6-4 External Clock Connections
Table 6-1 Signal Properties
Name
Function
Reset State
EXTAL
External clock/oscillator input
Analog input
XTAL
Oscillator output
Analog output
ICG
XTAL
EXTAL
VSS
CLOCK INPUT
NOT CONNECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com