công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 100 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 100 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 96Page - Motorola, Inc HCS08 Datasheet HTML 97Page - Motorola, Inc HCS08 Datasheet HTML 98Page - Motorola, Inc HCS08 Datasheet HTML 99Page - Motorola, Inc HCS08 Datasheet HTML 100Page - Motorola, Inc HCS08 Datasheet HTML 101Page - Motorola, Inc HCS08 Datasheet HTML 102Page - Motorola, Inc HCS08 Datasheet HTML 103Page - Motorola, Inc HCS08 Datasheet HTML 104Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
100
MOTOROLA
6.4.4 Example #3: No External Crystal Connection, 5.4 MHz Bus Frequency
In this example, the FLL will be used (in FEI mode) to multiply the internal 243 kHz (approximate)
reference clock up to 10.8 MHz to achieve 5.4 MHz bus frequency. This system will also use the trim
function to fine tune the frequency based on an external reference signal.
After the MCU is released from reset, the ICG is in self-clocked mode (SCM) and supplies approximately
8 MHz on ICGOUT which corresponds to a 4 MHz bus frequency (fBus).
The clock scheme will be FLL engaged, internal (FEI). So
fICGOUT = (fIRG / 7) * P * N / R ; P = 64, fIRG = 243 kHz
Solving for N / R gives:
N / R = 10.8 MHz /(243/7 kHz * 64) = 4.86 ; We can choose N = 10 and R = 2.
A trim procedure will be required to hone the frequency to exactly 5.4 MHz. An example of the trim
procedure is shown in example #4.
The values needed in each register to set up the desired operation are:
ICGC1 = $28 (%00101000)
Bit 7
0
Unimplemented or reserved, always reads zero
Bit 6
RANGE
0
Configures oscillator for low-frequency range; FLL prescale factor is 64
Bit 5
REFS
1
Oscillator using crystal or resonator requested (bit is really a don’t care)
Bits 4:3 CLKS
01
FLL engaged, internal reference clock mode
Bit 2
OSCSTEN 0
Disables the oscillator
Bit 1
0
Reserved for Motorola’s internal use; always write zero
Bit 0
0
Unimplemented or reserved, always reads zero
ICGC2 = $31 (%00110001)
Bit 7
LOLRE
0
Generates an interrupt request on loss of lock
Bit 6:4 MFD
011
Sets the MFD multiplication factor to 10
Bit 3
LOCRE
0
Generates an interrupt request on loss of clock
Bit 2:0 RFD
001
Sets the RFD division factor to
÷2
ICGS1 = $xx
This is read only except for clearing interrupt flag
ICGS2 = $xx
This is read only; good idea to read this before performing time critical operations
ICGFLTLU/L = $xx
Not used in this example
ICGTRM = $xx
Bit 7:0 TRIM
Only need to write when trimming internal oscillator; done in separate
operation (see example #4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com