công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 58 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 58 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 54Page - Motorola, Inc HCS08 Datasheet HTML 55Page - Motorola, Inc HCS08 Datasheet HTML 56Page - Motorola, Inc HCS08 Datasheet HTML 57Page - Motorola, Inc HCS08 Datasheet HTML 58Page - Motorola, Inc HCS08 Datasheet HTML 59Page - Motorola, Inc HCS08 Datasheet HTML 60Page - Motorola, Inc HCS08 Datasheet HTML 61Page - Motorola, Inc HCS08 Datasheet HTML 62Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 290 page
background image
Memory
MC9S08GB/GT
58
MOTOROLA
4.6.2 FLASH Options Register (FOPT and NVOPT)
During reset, the contents of the nonvolatile location NVOPT are copied from FLASH into FOPT. Bits 5
through 2 are not used and always read 0. This register may be read at any time, but writes have no meaning
or effect. To change the value in this register, erase and reprogram the NVOPT location in FLASH
memory as usual and then issue a new MCU reset.
KEYEN — Backdoor Key Mechanism Enable
When this bit is 0, the backdoor key mechanism cannot be used to disengage security. The backdoor
key mechanism is accessible only from user (secured) firmware. BDM commands cannot be used to
write key comparison values that would unlock the backdoor key. For more detailed information about
the backdoor key mechanism, refer to 4.5 Security.
1 = If user firmware writes an 8-byte value that matches the nonvolatile backdoor key
(NVBACKKEY through NVBACKKEY+7 in that order), security is temporarily disengaged
until the next MCU reset.
0 = No backdoor key access allowed.
FNORED — Vector Redirection Disable
When this bit is 1, then vector redirection is disabled.
1 = Vector redirection disabled.
0 = Vector redirection enabled.
Table 4-6 FLASH Clock Divider Settings
fBus
PRDIV8
(Binary)
DIV5:DIV0
(Decimal)
fFCLK
Program/Erase Timing Pulse
(5
µs Min, 6.7 µs Max)
20 MHz
1
12
192.3 kHz
5.2
µs
10 MHz
0
49
200 kHz
5
µs
8 MHz
0
39
200 kHz
5
µs
4 MHz
0
19
200 kHz
5
µs
2 MHz
0
9
200 kHz
5
µs
1 MHz
0
4
200 kHz
5
µs
200 kHz
0
0
200 kHz
5
µs
150 kHz
0
0
150 kHz
6.7
µs
Bit 7
6
54321
Bit 0
Read:
KEYEN
FNORED
0000
SEC01
SEC00
Write:
Reset:
This register is loaded from nonvolatile location NVOPT during reset.
= Unimplemented or Reserved
Figure 4-5 FLASH Options Register (FOPT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com