| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS08 bảng dữ liệu(PDF) 92 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 bảng dữ liệu(HTML) 92 Page - Motorola, Inc |
|
92 / 290 page ![]() Internal Clock Generator (ICG) Module MC9S08GB/GT 92 MOTOROLA If the ICG enters the off state due to stop mode when ENBDM = OSCSTEN = 0, the FLL loses locked status (LOCK is cleared), but LOLS remains unchanged because this is not an unexpected loss-of-lock condition. Though it would be unusual, if ENBDM is cleared to 0 while the MCU is in stop, the ICG enters the off state. Since this is an unexpected stopping of clocks, LOLS will be set when the MCU wakes up from stop. Expected loss of lock occurs when the MFD or CLKS bits are changed or in FEI mode only, when the TRIM bits are changed. In these cases, the LOCK bit will be cleared until the FLL regains lock, but the LOLS will not be set. 6.3.7 FLL Loss-of-Clock Detection The reference clock and the DCO clock are monitored under different conditions (see Table 6-2). Provided the reference frequency is being monitored, ERCS = 1 indicates that the reference clock meets minimum frequency requirements. When the reference and/or DCO clock(s) are being monitored, if either one falls below a certain frequency, fLOR and fLOD, respectively, the LOCS status bit will be set to indicate the error. LOCS will remain set until it is acknowledged or until the MCU is reset. If the ICG is in FEE mode when a loss of clock occurs and the ERCS is still set to 1, then the CLKST bits are set to 10 and the ICG reverts to FBE mode. A loss of clock will also cause a loss of lock when in FEE or FEI modes. Since the method of clearing the LOCS and LOLS bits is the same, this would only be an issue in the unlikely case that LOLRE = 1 and LOCRE = 0. In this case, the interrupt would be overridden by the reset for the loss of lock. Table 6-2 Clock Monitoring Mode CLKS REFST ERCS External Reference Clock Monitored? DCO Clock Monitored? Off 0X or 11 X Forced Low No No 10 0 Forced Low No No 10 1 Real-Time(1) NOTES: 1. If ENABLE is high (waiting for external crystal start-up after exiting stop). Yes(1) No SCM (CLKST = 00) 0X X Forced Low No Yes(2) 2. DCO clock will not be monitored until DCOS = 1 upon entering SCM from off or FLL bypassed external mode. 10 0 Forced High No Yes(2) 10 1 Real-Time Yes Yes(2) 11 X Real-Time Yes Yes(2) FEI (CLKST = 01) 0X X Forced Low No Yes 11 X Real-Time Yes Yes FBE (CLKST = 10) 10 0 Forced High No No 10 1 Real-Time Yes No FEE (CLKST = 11) 11 X Real-Time Yes Yes |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |