công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 77 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 77 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc HCS08 Datasheet HTML 77Page - Motorola, Inc HCS08 Datasheet HTML 78Page - Motorola, Inc HCS08 Datasheet HTML 79Page - Motorola, Inc HCS08 Datasheet HTML 80Page - Motorola, Inc HCS08 Datasheet HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
77
MC9S08GB/GT
5.8.7 System Power Management Status and Control 1 Register (SPMSC1)
Figure 5-8 System Power Management Status and Control 1 Register (SPMSC1)
LVDF — Low-Voltage Detect Flag
Provided LVDE = 1, this read-only status bit indicates a low-voltage detect event.
LVDACK — Low-Voltage Detect Acknowledge
This write-only bit is used to acknowledge low voltage detection errors (write 1 to clear LVDF). Reads
always return logic 0.
LVDIE — Low-Voltage Detect Interrupt Enable
This read/write bit enables hardware interrupt requests for LVDF.
1 = Request a hardware interrupt when LVDF = 1.
0 = Hardware interrupt disabled (use polling).
LVDRE — Low-Voltage Detect Reset Enable
This read/write bit enables LVDF events to generate a hardware reset (provided LVDE = 1).
1 = Force an MCU reset when LVDF = 1.
0 = LVDF does not generate hardware resets.
LVDSE — Low-Voltage Detect Stop Enable
Provided LVDE = 1, this read/write bit determines whether the low-voltage detect function operates
when the MCU is in stop mode.
1 = Low-voltage detect enabled during stop mode.
0 = Low-voltage detect disabled during stop mode.
LVDE — Low-Voltage Detect Enable
This read/write bit enables low-voltage detect logic and qualifies the operation of other bits in this
register.
1 = LVD logic enabled.
0 = LVD logic disabled.
Bit 7
6
54321
Bit 0
Read:
LVDF
0
LVDIE
LVDRE(1)
NOTES:
1. This bit can be written only one time after reset. Additional writes are ignored.
LVDSE(1)
LVDE(1)
00
Write:
LVDACK
Reset:
0
0
011100
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com