công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 238 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 238 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 234Page - Motorola, Inc HCS08 Datasheet HTML 235Page - Motorola, Inc HCS08 Datasheet HTML 236Page - Motorola, Inc HCS08 Datasheet HTML 237Page - Motorola, Inc HCS08 Datasheet HTML 238Page - Motorola, Inc HCS08 Datasheet HTML 239Page - Motorola, Inc HCS08 Datasheet HTML 240Page - Motorola, Inc HCS08 Datasheet HTML 241Page - Motorola, Inc HCS08 Datasheet HTML 242Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 290 page
background image
Development Support
MC9S08GB/GT
238
MOTOROLA
15.2 Features
Features of the background debug controller (BDC) include:
•
Single pin for mode selection and background communications
•
BDC registers are not located in the memory map
•
SYNC command to determine target communications rate
•
Non-intrusive commands for memory access
•
Active background mode commands for CPU register access
•
GO and TRACE1 commands
•
BACKGROUND command can wake CPU from stop or wait modes
•
One hardware address breakpoint built into BDC
•
Oscillator runs in stop mode, if BDC enabled
•
COP watchdog disabled while in active background mode
Features of the debug module (DBG) include:
•
Two trigger comparators:
–
Two address + read/write (R/W) or
–
One full address + data + R/W
•
Flexible 8-word by 16-bit FIFO (first-in, first-out) buffer for capture information:
–
Change-of-flow addresses or
–
Event-only data
•
Two types of breakpoints:
–
Tag breakpoints for instruction opcodes
–
Force breakpoints for any address access
•
Nine trigger modes:
–
A-only
–
A OR B
–
A then B
–
A AND B data (full mode)
–
A AND NOT B data (full mode)
–
Event-only B (store data)
–
A then event-only B (store data)
–
Inside range (A
≤ address ≤ B)
–
Outside range (address < A or address > B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com