công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 235 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 235 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 231Page - Motorola, Inc HCS08 Datasheet HTML 232Page - Motorola, Inc HCS08 Datasheet HTML 233Page - Motorola, Inc HCS08 Datasheet HTML 234Page - Motorola, Inc HCS08 Datasheet HTML 235Page - Motorola, Inc HCS08 Datasheet HTML 236Page - Motorola, Inc HCS08 Datasheet HTML 237Page - Motorola, Inc HCS08 Datasheet HTML 238Page - Motorola, Inc HCS08 Datasheet HTML 239Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
235
MC9S08GB/GT
14.6.3 ATD Result Data (ATDRH, ATDRL)
For left-justified mode, result data bits 9–2 map onto bits 7–0 of ATDRH, result data bits 1 and 0 map
onto ATDRL bits 7 and 6, where bit 7 of ATDRH is the most significant bit (MSB).
Figure 14-9 Left-Justified Mode
For right-justified mode, result data bits 9 and 8 map onto bits 1 and 0 of ATDRH, result data bits 7–0
map onto ATDRL bits 7–0, where bit 1 of ATDRH is the most significant bit (MSB).
Figure 14-10 Right-Justified Mode
The ATD 10-bit conversion results are stored in two 8-bit result registers, ATDRH and ATDRL. The result
data is formatted either left or right justified where the format is selected using the DJM control bit in the
ATDC register. The 10-bit result data is mapped either between ATDRH bits 7–0 and ATDRL bits 7–6
(left justified), or ATDRH bits 1–0 and ATDRL bits 7–0 (right justified).
For 8-bit conversions, the 8-bit result is always located in ATDRH bits 7–0, and the ATDRL bits read 0.
For 10-bit conversions, the six unused bits always read 0.
The ATDRH and ATDRL registers are read-only.
14.6.4 ATD Pin Enable (ATDPE)
Figure 14-11 ATD Pin Enable Register (ATDPE)
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
9
0
ATDRH
ATDRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
9
0
ATDRH
ATDRL
Bit 7
654321
Bit 0
Read:
ATDPE7
ATDPE6
ATDPE5
ATDPE4
ATDPE3
ATDPE2
ATDPE1
ATDPE0
Write:
Reset:
00000000
RESULT
RESULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com