công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 231 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 231 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 227Page - Motorola, Inc HCS08 Datasheet HTML 228Page - Motorola, Inc HCS08 Datasheet HTML 229Page - Motorola, Inc HCS08 Datasheet HTML 230Page - Motorola, Inc HCS08 Datasheet HTML 231Page - Motorola, Inc HCS08 Datasheet HTML 232Page - Motorola, Inc HCS08 Datasheet HTML 233Page - Motorola, Inc HCS08 Datasheet HTML 234Page - Motorola, Inc HCS08 Datasheet HTML 235Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
231
MC9S08GB/GT
14.6.1 ATD Control (ATDC)
Figure 14-5 ATD Control Register (ATDC)
Writes to the ATD control register will abort the current conversion, but will not start a new conversion.
ATDPU — ATD Power Up
This bit provides program on/off control over the ATD, reducing power consumption when the ATD
is not being used. When cleared, the ATDPU bit aborts any conversion in progress.
1 = ATD functionality.
0 = Disable the ATD and enter a low-power state.
DJM — Data Justification Mode
This bit determines how the 10-bit conversion result data maps onto the ATD result register bits. When
RES8 is set, bit DJM has no effect and the 8-bit result is always located in ATDRH.
For left-justified mode, result data bits 9–2 map onto bits 7–0 of ATDRH, result data bits 1 and 0 map
onto ATDRL bits 7 and 6, where bit 7 of ATDRH is the most significant bit (MSB).
Figure 14-6 Left-Justified Mode
For right-justified mode, result data bits 9 and 8 map onto bits 1 and 0 of ATDRH, result data bits 7–0
map onto ATDRL bits 7–0, where bit 1 of ATDRH is the most significant bit (MSB).
Figure 14-7 Right-Justified Mode
Bit 7
654321
Bit 0
Read:
ATDPU
DJM
RES8
SGN
PRS
Write:
Reset:
00000000
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
9
0
ATDRH
ATDRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
9
0
ATDRH
ATDRL
RESULT
RESULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com