công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 248 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 248 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 244Page - NXP Semiconductors HCS08 Datasheet HTML 245Page - NXP Semiconductors HCS08 Datasheet HTML 246Page - NXP Semiconductors HCS08 Datasheet HTML 247Page - NXP Semiconductors HCS08 Datasheet HTML 248Page - NXP Semiconductors HCS08 Datasheet HTML 249Page - NXP Semiconductors HCS08 Datasheet HTML 250Page - NXP Semiconductors HCS08 Datasheet HTML 251Page - NXP Semiconductors HCS08 Datasheet HTML 252Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
248
Freescale Semiconductor
15.3.2
SPI Control Register 2 (SPIxC2)
This read/write register is used to control optional features of the SPI system. Bits 6 and 5 are not
implemented and always read 0.
Table 15-1. SPIxC1 Field Descriptions
Field
Description
7
SPIE
SPI Interrupt Enable (for SPRF and MODF) — This is the interrupt enable for SPI receive buffer full (SPRF)
and mode fault (MODF) events.
0 Interrupts from SPRF and MODF inhibited (use polling)
1 When SPRF or MODF is 1, request a hardware interrupt
6
SPE
SPI System Enable — This bit enables the SPI system and dedicates the SPI port pins to SPI system functions.
If SPE is cleared, SPI is disabled and forced into idle state, and all status bits in the SPIxS register are reset.
0 SPI system inactive
1 SPI system enabled
5
SPTIE
SPI Transmit Interrupt Enable — This is the interrupt enable bit for SPI transmit buffer empty (SPTEF).
0 Interrupts from SPTEF inhibited (use polling)
1 When SPTEF is 1, hardware interrupt requested
4
MSTR
Master/Slave Mode Select — This bit selects master or slave mode operation.
0 SPI module configured as a slave SPI device
1 SPI module configured as a master SPI device
3
CPOL
Clock Polarity — This bit selects an inverted or non-inverted SPI clock. To transmit data between SPI modules,
the SPI modules must have identical CPOL values.
This bit effectively places an inverter in series with the clock signal from a master SPI or to a slave SPI device.
Refer to Section 15.4.5, “SPI Clock Formats” for more details.
0 Active-high SPI clock (idles low)
1 Active-low SPI clock (idles high)
2
CPHA
Clock Phase — This bit selects one of two clock formats for different kinds of synchronous serial peripheral
devices. Refer to Section 15.4.5, “SPI Clock Formats” for more details.
0 First edge on SPSCK occurs at the middle of the first cycle of a data transfer
1 First edge on SPSCK occurs at the start of the first cycle of a data transfer
1
SSOE
Slave Select Output Enable — This bit is used in combination with the mode fault enable (MODFEN) bit in
SPIxC2 and the master/slave (MSTR) control bit to determine the function of the SS pin as shown in Table 15-2.
0
LSBFE
LSB First (Shifter Direction) — This bit does not affect the position of the MSB and LSB in the data register.
Reads and writes of the data register always have the MSB in bit 7 (or bit 15 in 16-bit mode).
0 SPI serial data transfers start with most significant bit
1 SPI serial data transfers start with least significant bit
Table 15-2. SS Pin Function
MODFEN
SSOE
Master Mode
Slave Mode
0
0
General-purpose I/O (not SPI)
Slave select input
0
1
General-purpose I/O (not SPI)
Slave select input
10
SS input for mode fault
Slave select input
1
1
Automatic SS output
Slave select input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com