công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 252 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 252 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 248Page - NXP Semiconductors HCS08 Datasheet HTML 249Page - NXP Semiconductors HCS08 Datasheet HTML 250Page - NXP Semiconductors HCS08 Datasheet HTML 251Page - NXP Semiconductors HCS08 Datasheet HTML 252Page - NXP Semiconductors HCS08 Datasheet HTML 253Page - NXP Semiconductors HCS08 Datasheet HTML 254Page - NXP Semiconductors HCS08 Datasheet HTML 255Page - NXP Semiconductors HCS08 Datasheet HTML 256Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
252
Freescale Semiconductor
15.3.5
SPI Data Registers (SPIxDH:SPIxDL)
The SPI data registers (SPIxDH:SPIxDL) are both the input and output register for SPI data. A write to
these registers writes to the transmit data buffer, allowing data to be queued and transmitted.
Table 15-8. SPIxS Register Field Descriptions
Field
Description
7
SPRF
SPI Read Buffer Full Flag — SPRF is set at the completion of an SPI transfer to indicate that received data may
be read from the SPI data register (SPIxDH:SPIxDL). SPRF is cleared by reading SPRF while it is set, then
reading the SPI data register.
0 No data available in the receive data buffer.
1 Data available in the receive data buffer.
6
SPMF
SPI Match Flag — SPMF is set after SPRF = 1 when the value in the receive data buffer matches the value in
SPIMH:SPIML. To clear the flag, read SPMF when it is set, then write a 1 to it.
0 Value in the receive data buffer does not match the value in SPIxMH:SPIxML registers.
1 Value in the receive data buffer matches the value in SPIxMH:SPIxML registers.
5
SPTEF
SPI Transmit Buffer Empty Flag — This bit is set when the transmit data buffer is empty. It is cleared by reading
SPIxS with SPTEF set, followed by writing a data value to the transmit buffer at SPIxDH:SPIxDL. SPIxS must be
read with SPTEF = 1 before writing data to SPIxDH:SPIxDL or the SPIxDH:SPIxDL write will be ignored. SPTEF
is automatically set when all data from the transmit buffer transfers into the transmit shift register. For an idle SPI,
data written to SPIxDH:SPIxDL is transferred to the shifter almost immediately so SPTEF is set within two bus
cycles allowing a second data to be queued into the transmit buffer. After completion of the transfer of the data
in the shift register, the queued data from the transmit buffer will automatically move to the shifter and SPTEF will
be set to indicate there is room for new data in the transmit buffer. If no new data is waiting in the transmit buffer,
SPTEF simply remains set and no data moves from the buffer to the shifter.
0 SPI transmit buffer not empty
1 SPI transmit buffer empty
4
MODF
Master Mode Fault Flag — MODF is set if the SPI is configured as a master and the slave select input goes low,
indicating some other SPI device is also configured as a master. The SS pin acts as a mode fault error input only
when MSTR = 1, MODFEN = 1, and SSOE = 0; otherwise, MODF will never be set. MODF is cleared by reading
MODF while it is 1, then writing to SPI control register 1 (SPIxC1).
0 No mode fault error
1 Mode fault error detected
76
54
321
0
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
000
00
000
Figure 15-9. SPI Data Register High (SPIxDH)
76
54
321
0
R
Bit 7
6
54
32
1
Bit 0
W
Reset
000
00
000
Figure 15-10. SPI Data Register Low (SPIxDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com