công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 253 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 253 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 249Page - NXP Semiconductors HCS08 Datasheet HTML 250Page - NXP Semiconductors HCS08 Datasheet HTML 251Page - NXP Semiconductors HCS08 Datasheet HTML 252Page - NXP Semiconductors HCS08 Datasheet HTML 253Page - NXP Semiconductors HCS08 Datasheet HTML 254Page - NXP Semiconductors HCS08 Datasheet HTML 255Page - NXP Semiconductors HCS08 Datasheet HTML 256Page - NXP Semiconductors HCS08 Datasheet HTML 257Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
253
When the SPI is configured as a master, data queued in the transmit data buffer is transmitted immediately
after the previous transmission has completed.
The SPI transmit buffer empty flag (SPTEF) in the SPIxS register indicates when the transmit data buffer
is ready to accept new data. SPIxS must be read when SPTEF is set before writing to the SPI data registers,
or the write will be ignored.
Data may be read from SPIxDH:SPIxDL any time after SPRF is set and before another transfer is finished.
Failure to read the data out of the receive data buffer before a new transfer ends causes a receive overrun
condition and the data from the new transfer is lost.
In 8-bit mode, only SPIxDL is available. Reads of SPIxDH will return all 0s. Writes to SPIxDH will be
ignored.
In 16-bit mode, reading either byte (SPIxDH or SPIxDL) latches the contents of both bytes into a buffer
where they remain latched until the other byte is read. Writing to either byte (SPIxDH or SPIxDL) latches
the value into a buffer. When both bytes have been written, they are transferred as a coherent 16-bit value
into the transmit data buffer.
15.3.6
SPI Match Registers (SPIxMH:SPIxML)
These read/write registers contain the hardware compare value, which sets the SPI match flag (SPMF)
when the value received in the SPI receive data buffer equals the value in the SPIxMH:SPIxML registers.
In 8-bit mode, only SPIxML is available. Reads of SPIxMH will return all 0s. Writes to SPIxMH will be
ignored.
In 16-bit mode, reading either byte (SPIxMH or SPIxML) latches the contents of both bytes into a buffer
where they remain latched until the other byte is read. Writing to either byte (SPIxMH or SPIxML) latches
the value into a buffer. When both bytes have been written, they are transferred as a coherent value into
the SPI match registers.
76
54
321
0
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
000
00
000
Figure 15-11. SPI Match Register High (SPIxMH)
76
54
321
0
R
Bit 7
6
54
32
1
Bit 0
W
Reset
000
00
000
Figure 15-12. SPI Match Register Low (SPIxML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com