| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS08 bảng dữ liệu(PDF) 244 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 bảng dữ liệu(HTML) 244 Page - NXP Semiconductors |
|
244 / 374 page ![]() Serial Peripheral Interface (S08SPI16V1) MC9S08JM60 Series Data Sheet, Rev. 5 244 Freescale Semiconductor 15.1.2 Features The SPI includes these distinctive features: • Master mode or slave mode operation • Full-duplex or single-wire bidirectional mode • Programmable transmit bit rate • Double-buffered transmit and receive data register • Serial clock phase and polarity options • Slave select output • Mode fault error flag with CPU interrupt capability • Control of SPI operation during wait mode • Selectable MSB-first or LSB-first shifting • Programmable 8- or 16-bit data transmission length • Receive data buffer hardware match feature 15.1.3 Modes of Operation The SPI functions in three modes, run, wait, and stop. • Run Mode This is the basic mode of operation. • Wait Mode SPI operation in wait mode is a configurable low power mode, controlled by the SPISWAI bit located in the SPIxC2 register. In wait mode, if the SPISWAI bit is clear, the SPI operates like in Run Mode. If the SPISWAI bit is set, the SPI goes into a power conservative state, with the SPI clock generation turned off. If the SPI is configured as a master, any transmission in progress stops, but is resumed after CPU goes into Run Mode. If the SPI is configured as a slave, reception and transmission of a byte continues, so that the slave stays synchronized to the master. • Stop Mode The SPI is inactive in stop3 mode for reduced power consumption. If the SPI is configured as a master, any transmission in progress stops, but is resumed after the CPU goes into Run Mode. If the SPI is configured as a slave, reception and transmission of a data continues, so that the slave stays synchronized to the master. The SPI is completely disabled in all other stop modes. When the CPU wakes from these stop modes, all SPI register content will be reset. This is a high level description only, detailed descriptions of operating modes are contained in section Section 15.4.9, “Low Power Mode Options.” 15.1.4 Block Diagrams This section includes block diagrams showing SPI system connections, the internal organization of the SPI module, and the SPI clock dividers that control the master mode bit rate. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |