công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 241 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 241 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 237Page - NXP Semiconductors HCS08 Datasheet HTML 238Page - NXP Semiconductors HCS08 Datasheet HTML 239Page - NXP Semiconductors HCS08 Datasheet HTML 240Page - NXP Semiconductors HCS08 Datasheet HTML 241Page - NXP Semiconductors HCS08 Datasheet HTML 242Page - NXP Semiconductors HCS08 Datasheet HTML 243Page - NXP Semiconductors HCS08 Datasheet HTML 244Page - NXP Semiconductors HCS08 Datasheet HTML 245Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
241
Chapter 15
16-Bit Serial Peripheral Interface (S08SPI16V1)
15.1
Introduction
The 8- or 16-bit selectable serial peripheral interface (SPI) module provides for full-duplex, synchronous,
serial communication between the MCU and peripheral devices. These peripheral devices can include
other microcontrollers, analog-to-digital converters, shift registers, sensors, memories, etc.
The SPI runs at a baud rate up to the bus clock divided by two in master mode and up to the bus clock
divided by four in slave mode. Software can poll the status flags, or SPI operation can be interrupt driven.
The SPI also supports a data length of 8 or 16 bits and includes a hardware match feature for the receive
data buffer.
The MC9S08JM60 series have two serial peripheral interface modules (SPI1 and SPI2). The four pins
associated with SPI functionality are shared with PTB[3:0] and PTE[7:4]. See Appendix A, “Electrical
Characteristics,” for SPI electrical parametric information.
15.1.1
SPI Port Configuration Information
By default, the input filters on the SPI port pins will be enabled (SPIxFE=1), which restricts the SPI data
rate to 6 MHz, but protects the SPI from noise during data transfers.To configure the SPI at a baud rate of
6MHz or greater, the input filters on the SPI port pins must be disabled by clearing the SPIxFE in SOPT2.
and also enable the high output drive strength selection on the affected SPI port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com