công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 243 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 243 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 239Page - NXP Semiconductors HCS08 Datasheet HTML 240Page - NXP Semiconductors HCS08 Datasheet HTML 241Page - NXP Semiconductors HCS08 Datasheet HTML 242Page - NXP Semiconductors HCS08 Datasheet HTML 243Page - NXP Semiconductors HCS08 Datasheet HTML 244Page - NXP Semiconductors HCS08 Datasheet HTML 245Page - NXP Semiconductors HCS08 Datasheet HTML 246Page - NXP Semiconductors HCS08 Datasheet HTML 247Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 374 page
background image
Serial Peripheral Interface (S08SPI16V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
243
Figure 15-2. SPI Module Quick Start
MSTR
CPOL
CPHA
SSOE
LSBFE
MODFEN
BIDIROE
SPIMODE
SPISWAI
SPC0
SPMIE
Additional configuration options.
SPPR0
SPR2
SPR1
SPR0
SPPR2
SPPR1
Baud rate = (BUSCLK/SPPR[2:0])/SPR2[2:0]
Bit 15
Bit 7
Module Initialization (Slave):
Write:
SPIxC1
to configure
interrupts, set primary SPI options, slave mode select, and
system enable.
Write:
SPIxC2
to configure
optional SPI features, hardware match interrupt enable,
and 8- or 16-bit data transmission length
Write:
SPIxMH:SPIxML
to set
hardware compare value that triggers SPMF (optional)
when value in receive data buffer equals this value.
Module Initialization (Master):
Write:
SPIxC1
to configure
interrupts, set primary SPI options, master mode select,
and system enable.
Write:
SPIxC2
to configure
optional SPI features, hardware match interrupt enable,
and 8- or 16-bit data transmission length
Write:
SPIxBR
to set
baud rate
Write:
SPIxMH:SPIxML
to set
hardware compare value that triggers SPMF (optional)
when value in receive data buffer equals this value.
Module Use:
After SPI master initiates transfer by checking that SPTEF = 1 and then writing data to SPIDH/L:
Wait for SPRF, then read from SPIDH/L
Wait for SPTEF, then write to SPIDH/L
Data transmissions can be 8- or 16-bits long, and mode fault detection can be enabled for master mode in cases where
more than one SPI device might become a master at the same time. Also, some applications may utilize the receive data
buffer hardware match feature to trigger specific actions, such as when command data can be sent through the SPI or to
indicate the end of an SPI transmission.
SPIxC1
SPIxC2
SPIxBR
SPIxDH
SPIxDL
SPIE
SPE
SPTIE
Module/interrupt enables and configuration
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIxMH
Hardware Match Value
Bit 15
Bit 7
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MODF
SPTEF
SPIxS
SPRF
SPMF
SPIxML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com