công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 164 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 164 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 160Page - Motorola, Inc HCS08 Datasheet HTML 161Page - Motorola, Inc HCS08 Datasheet HTML 162Page - Motorola, Inc HCS08 Datasheet HTML 163Page - Motorola, Inc HCS08 Datasheet HTML 164Page - Motorola, Inc HCS08 Datasheet HTML 165Page - Motorola, Inc HCS08 Datasheet HTML 166Page - Motorola, Inc HCS08 Datasheet HTML 167Page - Motorola, Inc HCS08 Datasheet HTML 168Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 290 page
background image
Timer/PWM (TPM) Module
MC9S08GB/GT
164
MOTOROLA
When a channel is configured as an input capture channel, the ELSnB:ELSnA control bits select rising
edges, falling edges, any edge, or no edge (off) as the edge which triggers an input capture event. When
the selected edge is detected, the interrupt flag is set. The flag is cleared by the 2-step sequence described
in 10.6.1 Clearing Timer Interrupt Flags.
When a channel is configured as an output compare channel, the interrupt flag is set each time the main
timer counter matches the 16-bit value in the channel value register. The flag is cleared by the 2-step
sequence described in 10.6.1 Clearing Timer Interrupt Flags.
10.6.4 PWM End-of-Duty-Cycle Events
For channels that are configured for PWM operation, there are two possibilities:
•
When the channel is configured for edge-aligned PWM, the channel flag is set when the timer
counter matches the channel value register which marks the end of the active duty cycle period.
•
When the channel is configured for center-aligned PWM, the timer count matches the channel value
register twice during each PWM cycle. In this CPWM case, the channel flag is set at the start and
at the end of the active duty cycle which are the times when the timer counter matches the channel
value register.
The flag is cleared by the 2-step sequence described in 10.6.1 Clearing Timer Interrupt Flags.
10.7 TPM Registers and Control Bits
The TPM includes:
•
An 8-bit status and control register (TPMxSC)
•
A 16-bit counter (TPMxCNTH:TPMxCNTL)
•
A 16-bit modulo register (TPMxMODH:TPMxMODL)
Each timer channel has:
•
An 8-bit status and control register (TPMxCnSC)
•
A 16-bit channel value register (TPMxCnVH:TPMxCnVL)
Refer to the direct-page register summary in the Memory section of this data sheet for the absolute address
assignments for all TPM registers. This section refers to registers and control bits only by their names. A
Motorola-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
Some MCU systems have more than one TPM, so register names include placeholder characters to identify
which TPM and which channel is being referenced. For example, TPMxCnSC refers to timer (TPM) x,
channel n and TPM1C2SC is the status and control register for timer 1, channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com