công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 330 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 330 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 326Page - NXP Semiconductors HCS08 Datasheet HTML 327Page - NXP Semiconductors HCS08 Datasheet HTML 328Page - NXP Semiconductors HCS08 Datasheet HTML 329Page - NXP Semiconductors HCS08 Datasheet HTML 330Page - NXP Semiconductors HCS08 Datasheet HTML 331Page - NXP Semiconductors HCS08 Datasheet HTML 332Page - NXP Semiconductors HCS08 Datasheet HTML 333Page - NXP Semiconductors HCS08 Datasheet HTML 334Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 374 page
background image
Development Support
MC9S08JM60 Series Data Sheet, Rev. 5
330
Freescale Semiconductor
Figure 18-3 shows the host receiving a logic 1 from the target HCS08 MCU. Because the host is
asynchronous to the target MCU, there is a 0-to-1 cycle delay from the host-generated falling edge on
BKGD to the perceived start of the bit time in the target MCU. The host holds the BKGD pin low long
enough for the target to recognize it (at least two target BDC cycles). The host must release the low drive
before the target MCU drives a brief active-high speedup pulse seven cycles after the perceived start of the
bit time. The host should sample the bit level about 10 cycles after it started the bit time.
Figure 18-3. BDC Target-to-Host Serial Bit Timing (Logic 1)
HOST SAMPLES BKGD PIN
10 CYCLES
BDC CLOCK
(TARGET MCU)
HOST DRIVE
TO BKGD PIN
TARGET MCU
SPEEDUP PULSE
PERCEIVED START
OF BIT TIME
HIGH-IMPEDANCE
HIGH-IMPEDANCE
HIGH-IMPEDANCE
BKGD PIN
R-C RISE
10 CYCLES
EARLIEST START
OF NEXT BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com