công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 332 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 332 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 328Page - NXP Semiconductors HCS08 Datasheet HTML 329Page - NXP Semiconductors HCS08 Datasheet HTML 330Page - NXP Semiconductors HCS08 Datasheet HTML 331Page - NXP Semiconductors HCS08 Datasheet HTML 332Page - NXP Semiconductors HCS08 Datasheet HTML 333Page - NXP Semiconductors HCS08 Datasheet HTML 334Page - NXP Semiconductors HCS08 Datasheet HTML 335Page - NXP Semiconductors HCS08 Datasheet HTML 336Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 374 page
background image
Development Support
MC9S08JM60 Series Data Sheet, Rev. 5
332
Freescale Semiconductor
18.2.3
BDC Commands
BDC commands are sent serially from a host computer to the BKGD pin of the target HCS08 MCU. All
commands and data are sent MSB-first using a custom BDC communications protocol. Active background
mode commands require that the target MCU is currently in the active background mode while
non-intrusive commands may be issued at any time whether the target MCU is in active background mode
or running a user application program.
Table 18-1 shows all HCS08 BDC commands, a shorthand description of their coding structure, and the
meaning of each command.
Coding Structure Nomenclature
This nomenclature is used in Table 18-1 to describe the coding structure of the BDC commands.
Commands begin with an 8-bit hexadecimal command code in the host-to-target
direction (most significant bit first)
/
= separates parts of the command
d
=
delay 16 target BDC clock cycles
AAAA
=
a 16-bit address in the host-to-target direction
RD
=
8 bits of read data in the target-to-host direction
WD
=
8 bits of write data in the host-to-target direction
RD16
=
16 bits of read data in the target-to-host direction
WD16
=
16 bits of write data in the host-to-target direction
SS
=
the contents of BDCSCR in the target-to-host direction (STATUS)
CC
=
8 bits of write data for BDCSCR in the host-to-target direction (CONTROL)
RBKP
=
16 bits of read data in the target-to-host direction (from BDCBKPT breakpoint
register)
WBKP
=
16 bits of write data in the host-to-target direction (for BDCBKPT breakpoint register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com