công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 279 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 279 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 275Page - NXP Semiconductors HCS08 Datasheet HTML 276Page - NXP Semiconductors HCS08 Datasheet HTML 277Page - NXP Semiconductors HCS08 Datasheet HTML 278Page - NXP Semiconductors HCS08 Datasheet HTML 279Page - NXP Semiconductors HCS08 Datasheet HTML 280Page - NXP Semiconductors HCS08 Datasheet HTML 281Page - NXP Semiconductors HCS08 Datasheet HTML 282Page - NXP Semiconductors HCS08 Datasheet HTML 283Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 374 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
279
16.3.2
TPM-Counter Registers (TPMxCNTH:TPMxCNTL)
The two read-only TPM counter registers contain the high and low bytes of the value in the TPM counter.
Reading either byte (TPMxCNTH or TPMxCNTL) latches the contents of both bytes into a buffer where
they remain latched until the other half is read. This allows coherent 16-bit reads in either big-endian or
little-endian order which makes this more friendly to various compiler implementations. The coherency
mechanism is automatically restarted by an MCU reset or any write to the timer status/control register
(TPMxSC).
Reset clears the TPM counter registers. Writing any value to TPMxCNTH or TPMxCNTL also clears the
TPM counter (TPMxCNTH:TPMxCNTL) and resets the coherency mechanism, regardless of the data
involved in the write.
4–3
CLKS[B:A]
Clock source selects. As shown in Table 16-3, this 2-bit field is used to disable the TPM system or select one of
three clock sources to drive the counter prescaler. The fixed system clock source is only meaningful in systems
with a PLL-based system clock. When there is no PLL, the fixed-system clock source is the same as the bus rate
clock. The external source is synchronized to the bus clock by TPM module, and the fixed system clock source
(when a PLL is present) is synchronized to the bus clock by an on-chip synchronization circuit. When a PLL is
present but not enabled, the fixed-system clock source is the same as the bus-rate clock.
2–0
PS[2:0]
Prescale factor select. This 3-bit field selects one of 8 division factors for the TPM clock input as shown in
Table 16-4. This prescaler is located after any clock source synchronization or clock source selection so it affects
the clock source selected to drive the TPM system. The new prescale factor will affect the clock source on the
next system clock cycle after the new value is updated into the register bits.
Table 16-3. TPM-Clock-Source Selection
CLKSB:CLKSA
TPM Clock Source to Prescaler Input
00
No clock selected (TPM counter disable)
01
Bus rate clock
10
Fixed system clock
11
External source
Table 16-4. Prescale Factor Selection
PS2:PS1:PS0
TPM Clock Source Divided-by
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
Table 16-2. TPMxSC Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com