công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 278 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 278 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 274Page - NXP Semiconductors HCS08 Datasheet HTML 275Page - NXP Semiconductors HCS08 Datasheet HTML 276Page - NXP Semiconductors HCS08 Datasheet HTML 277Page - NXP Semiconductors HCS08 Datasheet HTML 278Page - NXP Semiconductors HCS08 Datasheet HTML 279Page - NXP Semiconductors HCS08 Datasheet HTML 280Page - NXP Semiconductors HCS08 Datasheet HTML 281Page - NXP Semiconductors HCS08 Datasheet HTML 282Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 374 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08JM60 Series Data Sheet, Rev. 5
278
Freescale Semiconductor
16.3
Register Definition
This section consists of register descriptions in address order. A typical MCU system may contain multiple
TPMs, and each TPM may have one to eight channels, so register names include placeholder characters to
identify which TPM and which channel is being referenced. For example, TPMxCnSC refers to timer
(TPM) x, channel n. TPM1C2SC would be the status and control register for channel 2 of timer 1.
16.3.1
TPM Status and Control Register (TPMxSC)
TPMxSC contains the overflow status flag and control bits used to configure the interrupt enable, TPM
configuration, clock source, and prescale factor. These controls relate to all channels within this timer
module.
76
54
32
1
0
RTOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
W0
Reset
0
00
00
0
0
0
Figure 16-7. TPM Status and Control Register (TPMxSC)
Table 16-2. TPMxSC Field Descriptions
Field
Description
7
TOF
Timer overflow flag. This read/write flag is set when the TPM counter resets to 0x0000 after reaching the modulo
value programmed in the TPM counter modulo registers. Clear TOF by reading the TPM status and control
register when TOF is set and then writing a logic 0 to TOF. If another TPM overflow occurs before the clearing
sequence is complete, the sequence is reset so TOF would remain set after the clear sequence was completed
for the earlier TOF. This is done so a TOF interrupt request cannot be lost during the clearing sequence for a
previous TOF. Reset clears TOF. Writing a logic 1 to TOF has no effect.
0 TPM counter has not reached modulo value or overflow
1 TPM counter has overflowed
6
TOIE
Timer overflow interrupt enable. This read/write bit enables TPM overflow interrupts. If TOIE is set, an interrupt is
generated when TOF equals one. Reset clears TOIE.
0 TOF interrupts inhibited (use for software polling)
1 TOF interrupts enabled
5
CPWMS
Center-aligned PWM select. When present, this read/write bit selects CPWM operating mode. By default, the TPM
operates in up-counting mode for input capture, output compare, and edge-aligned PWM functions. Setting
CPWMS reconfigures the TPM to operate in up/down counting mode for CPWM functions. Reset clears CPWMS.
0 All channels operate as input capture, output compare, or edge-aligned PWM mode as selected by the
MSnB:MSnA control bits in each channel’s status and control register.
1 All channels operate in center-aligned PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com