công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4884BBCZ bảng dữ liệu(PDF) 66 Page - Analog Devices

tên linh kiện AD4884BBCZ
Giải thích chi tiết về linh kiện  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ bảng dữ liệu(HTML) 66 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 62Page - Analog Devices AD4884BBCZ Datasheet HTML 63Page - Analog Devices AD4884BBCZ Datasheet HTML 64Page - Analog Devices AD4884BBCZ Datasheet HTML 65Page - Analog Devices AD4884BBCZ Datasheet HTML 66Page - Analog Devices AD4884BBCZ Datasheet HTML 67Page - Analog Devices AD4884BBCZ Datasheet HTML 68Page - Analog Devices AD4884BBCZ Datasheet HTML 69Page - Analog Devices AD4884BBCZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 66 of 116
LVDS Manchester Encoding Mode
This mode is accessed via the ADC_DATA_INTF_CONFIG_B reg-
ister (see the ADC Data Interface Configuration B Register section,
Address 0x16), which produces Manchester encoding of the result
data in compliance with IEEE 802.3. This mode can be used in iso-
lated data applications where the converter supplies can be floated
and the data outputs capacitively coupled to the host controller. By
ensuring that the mean output of each data lane is 0, the receiver
side common-mode voltage is not disturbed by the result pattern.
Manchester encoding is available in dual lane LVDS mode only so
that the maximum data throughput is achievable with the maximum
160MHz LVDS clock rate.
Figure 114 shows an example how this isolation can be implement-
ed. Note that the LVDS 100Ω termination resistor prior to the
isolation capacitors is required.
Figure 114. Isolated LVDS
ADC Result Latency and LVDS Interface
Alignment
When an AD4884 channel is configured for LVDS interface mode,
each conversion result is placed into its LVDS interface output
shift register(s). The LVDS_CNV_CLK_CNT bits in the ADC Data
Interface Configuration B register (see the ADC Data Interface Con-
figuration B Register section, Address 0x16) are used to configure
the point in time when the conversion result data is loaded into the
LVDS interface output shift register(s), but note that the number of
clock counts is not encoded in straight binary, see Table 20. The
total time from the rising edge of a convert pulse to when the MSB
of that conversion request is internally available to transfer to the
output register is defined as (tCYC + tMSB), both specified in Table 2.
Because the transfer of this result data is under the control of the
LVDS of CLK+ and CLK−, there is an additional (1.5 × tCLK) that
must be allowed to guarantee a fully completed result is transferred
to the interface for read back. The user must calculate the correct
required LVDS_CNV_CLK_CNT value and configure the ADC Data
Interface Configuration B register (see the ADC Data Interface
Configuration B Register section) according to the conversion rate
and tCLK used.
For minimum latency, the correct LVDS_CNV_CLK_CNT value to
use for a particular conversion rate is calculated as (tMSB/tCLK +
1.5). This number is rounded down to the nearest integer value.
If gain error correction is enabled (see the Gain Error Correction
section), the maximum tMSB time is specified as 22.4ns. For a
20MSPS conversion rate in single lane LVDS with a 160MHz LVDS
clock, the minimum LVDS_CNV_CLK_CNT is calculated as 22.4ns/
6.25ns + 1.5, yielding a rounded down value of 5. Conversion
latency is then determined as time, aligned to the falling edge of
the CLK signal, described as tMSB_READ or latency in the timing
diagram, which can be calculated as (LVDS_CNV_CLK_CNT + 0.5)
× tCLK. For the given example, the resulting single lane latency is
then (5 + 0.5) × 6.25ns + tCYC = 84.38ns.
Taking a dual lane example with the LVDS clock running at half the
speed (80MHz), again having 20MSPS and gain error correction
enabled, the same formula is used and yields (22.4ns/12.5ns) +
1.5, resulting in an LVDS_CNV_CLK_CNT of 3, and a result for
latency of (3 + 0.5) × 12.5ns + tCYC = 93.75ns.
With gain error correction disabled (see the Gain Error Correction
section), the maximum tMSB time is specified as 18ns. For a
20MSPS conversion rate in single lane LVDS with a 160MHz
LVDS clock, the calculation becomes (18ns/6.25ns) + 1.5, yielding
a setting of 4 for the LVDS_CNV_CLK_CNT. Conversion latency
is then determined as time, aligned to the falling edge of the CLK
signal, described as tMSB_READ or latency in the timing diagram,
which can be calculated as (LVDS_CNV_CLK_CNT + 0.5) × tCLK.
Then in this case, the single lane latency is calculated as (4 + 0.5) ×
12.5 + tCYC = 78.13ns latency.
Once again, taking the previous example to a dual lane case with
the LVDS clock running at half the speed (80MHz), again having
20MSPS and gain error correction disabled, the formula then be-
comes (18ns/12.5ns) + 1.5, resulting in an LVDS_CNV_CLK_CNT
of 2, and a result for latency of (2 + 0.5) × 12.5ns + tCYC = 93.75ns.
The four examples above are calculated to achieve minimum laten-
cy, but it is possible to use a higher LVDS_CNV_CLK_CNT value,
whereby latency is increased by tCLK for each +1 unit increase in
the LVDS_CNV_CLK_CNT value.
Figure 115 and Figure 116 serve as aids to describe the placement
of the ADC result data onto the LVDS interface controlled by
the LVDS_CNV_CLK_CNT, showing that a new result is internally
completed after tCYC + tMSB, signified here also by a notional
tMSB_AVAILABLE (introduced only for the purposes of the explanation
in Figure 115 and Figure 116). Figure 115 shows an example
at 20MSPS conversion rate, with gain error correction, 160MHz
LVDS clock, single lane, and shows that the LVDS_CNV_CLK_CNT
setting of 5 is the earliest the conversion result can be loaded to
the LVDS interface under these conditions. One additional full tCLK
cycle is required (a complete cycle being CLK+ChX falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com