công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4884BBCZ bảng dữ liệu(PDF) 45 Page - Analog Devices

tên linh kiện AD4884BBCZ
Giải thích chi tiết về linh kiện  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ bảng dữ liệu(HTML) 45 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 41Page - Analog Devices AD4884BBCZ Datasheet HTML 42Page - Analog Devices AD4884BBCZ Datasheet HTML 43Page - Analog Devices AD4884BBCZ Datasheet HTML 44Page - Analog Devices AD4884BBCZ Datasheet HTML 45Page - Analog Devices AD4884BBCZ Datasheet HTML 46Page - Analog Devices AD4884BBCZ Datasheet HTML 47Page - Analog Devices AD4884BBCZ Datasheet HTML 48Page - Analog Devices AD4884BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Data Sheet
AD4884
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 45 of 116
REFERENCE CIRCUITRY DESIGN
The AD4884 requires a low noise, high precision and stability,
and low temperature drift external reference of 3V. The internal
buffers allow the same reference to be used for both channels.
This reference defines a differential input range at the input of the
SAR ADCs of ±VREFIN. The reference must be within ±5mV of +3V.
Recommended references are LTC6655, LT6657, or ADR4530. For
best performance, however, use the LTC6655 external reference.
Table 13 details the typical parameters of the previously mentioned
references, comparing absolute accuracy, noise, temperature drift,
load regulation, and power consumption. For more detailed specifi-
cations, refer to the data sheet of the given product.
Table 13. Comparison of the Main Parameters of the LTC6655, LT6657, and
ADR4530 References
Parameter
LTC6655
LT6657
ADR4530B
Accuracy
0.025%
0.1%
0.02%
Temperature Coefficient
(ppm/°C)
2
1.5
2
0.1Hz to 10Hz Noise (ppm p-p) 0.25
0.5
0.53
Maximum Load (mA)
±5
±10
±10
Load Regulation (ppm/mA)
3
0.7
30
Maximum Supply (V)
13.2
40
15
Shutdown
Yes
Yes
No
Supply Current, IS (mA)
5
1.2
0.7
There is no need for the external reference capacitor because
the AD4884 embeds internally a total of 18.8μF at the REFIN pin
(9.4μF per channel, see Figure 82). The REFIN reference input pin
is internally buffered, which substantially reduces ADC conversion
transients and isolates the external reference from these transients.
Therefore, no external amplifier is required to buffer the external
reference. For the reference input capacitance (CREF IN) and ref-
erence output capacitance (CREF OUT) values, refer to the given
external reference IC data sheet recommendations. As a layout
recommendation, the external reference chip must be placed as
close as possible to the AD4884 and its REFIN pinto minimize
the series impedance of the track connecting the REFIN pin to
the external reference output. It is recommended to minimize the
exposure of this track to noisy signals, especially digital ones.
Figure 82. AD4884 General External Reference Design Functional Diagram
DATA INTERFACE CLOCKING SOLUTION
Each AD4884 channel has its own independent LVDS data inter-
face. When designing the LVDS data interfaces (see the LVDS
Data Interface section), the user must ensure the clocking solution
adheres to the timing specifications of the AD4884 (see Table 2).
When configured for LVDS mode data interface, the user must en-
sure that timing specifications stay within the maximum conversion
to clock alignment time of ±535ps (tCCA). In addition, ensure that
a low jitter conversion (CNV) clock is provided such that there
is no unwanted impact to SNR performance. This jitter is signal
frequency dependent, therefore, the level of jitter tolerable in a
given system is dependent on the application use case. For more
details on this topic, refer to the technical article Maximum SNR vs
Clock Jitter.
As an example, Figure 83 shows a recommended clocking solution
where both AD4884 channels are configured to use the LVDS data
interface with a single lane enabled and using echo clock mode. In
this solution, a 25MHz oscillator is selected with low phase noise
and jitter. Tutorial MT-008 serves as an aid to convert between
phase noise and RMS phase jitter, often quoted interchangeably
in crystal oscillator product data sheets. The ADF4350 wideband
synthesizer with an integrated voltage-controlled oscillator (VCO)
serves as versatile means of generating a 160MHz system clock,
while maintaining low jitter and offering flexibility and control to
reconfigure this frequency depending on the application needs. This
clock then feeds the AD9508 clock fanout buffer with output divid-
ers, that can be configured for the desired LVDS level signaling.
As shown in Figure 83, two output channels are set to divide by
1 to generate the LVDS clocks (CLK±ChA, CLK±ChB), while two
other output channels are configured to divide by 8, to generate the
AD4884 conversion clocks (CNV±ChA, CNV±ChB). This 1:8 ratio of
CNV:CLK frequencies ensures 16 bits of data can be read out over
the double data rate (DDR), single lane, LVDS data interface. For
a dual lane configuration, such as shown in Figure 84, this ratio is
adjusted to 1:4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com