công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4884BBCZ bảng dữ liệu(PDF) 53 Page - Analog Devices

tên linh kiện AD4884BBCZ
Giải thích chi tiết về linh kiện  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ bảng dữ liệu(HTML) 53 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 49Page - Analog Devices AD4884BBCZ Datasheet HTML 50Page - Analog Devices AD4884BBCZ Datasheet HTML 51Page - Analog Devices AD4884BBCZ Datasheet HTML 52Page - Analog Devices AD4884BBCZ Datasheet HTML 53Page - Analog Devices AD4884BBCZ Datasheet HTML 54Page - Analog Devices AD4884BBCZ Datasheet HTML 55Page - Analog Devices AD4884BBCZ Datasheet HTML 56Page - Analog Devices AD4884BBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 53 of 116
Strict Access Selection and Multibyte
Registers
Several locations in the configuration memories of the AD4884
channels have been assigned as multibyte registers to support
the storage requirements. For example, the offset correct register
(see the Offset Correction Register section, Address 0x25) and
gain correction register (see the Gain Correction Register section,
Address 0x27) are multibyte registers because the resolution of
the correction coefficients they contain exceeds a single byte. For
a complete listing of multibyte registers, see the Configuration
Registers section. The length of each register, in bytes, is captured
in Table 31 in addition to other characteristic information.
The function of the STRICT_REGISTER_ACCESS bit is to indicate
to the interface controller that all bytes of a multibyte register must
be accessed in the current frame for valid communication to have
occurred. In the event a multibyte register is only partially accessed,
an interface fault is generated in the Interface Status A register
(see the Interface Status A Register section, Address 0x11), and
the partial content update is discarded. The intent of this restriction
is to ensure that corresponding configuration quantities are updated
in a manner that produces the desired device operation. The
access restriction function is enabled by default (STRICT_REGIS-
TER_ACCESS = 1) and can be disabled by clearing the access bit
(STRICT_REGISTER_ACCESS = 0) in the Interface Configuration
C register (see the Interface Configuration C Register section,
Address 0x10). With register access restriction disabled, each byte
of the configuration memory can be independently addressed, how-
ever, it is then incumbent on the software to correctly configure any
multibyte registers in the device memory to achieve the required
behavior.
The decision to enable or disable the register access restriction
has implications with regards to the correct construction of the
SPI frames containing one or more multibyte register accesses.
When STRICT_REGISTER_ACCESS is disabled, each byte of a
multibyte register is treated as a singular element. Furthermore,
the interface does not indicate a fault if all bytes of the register
are not programmed, or if the bytes are programmed in a random
order, and therefore, it is incumbent on the host to ensure that the
content of those registers are updated in a manner that produces
the required function in the device.
When STRICT_REGISTER_ACCESS is enabled, specific access
rules are enforced to ensure consistency between the data and the
expected behavior of the device. To understand how these rules
apply to multibyte registers in the configuration memory, it is impor-
tant to understand how the memory is organized. By convention,
multibyte registers are arranged in the configuration memory such
that the most significant byte of the register is stored in the most
significant address of the assigned register space, as shown in
Figure 93. As a result, the byte order of the register content trans-
mitted in the data phase is dependent on the ADDR_ASCENSION
selection.
Figure 93. Generic Byte Wide Memory, Multibyte Register Example
As shown in Figure 94, the address counter, by default, automat-
ically decrements (ADDR_ASCENSION = 0) such that the most
significant byte of the multibyte register is accessed first, followed
by the remaining byte(s) in that register in ascending order. Con-
versely, if ADDR_ASCENSION = 1, the least significant byte of the
multibyte register is accessed first followed by most significant byte.
As an extension of this concept, when STRICT_REGISTER_AC-
CESS = 1, any SPI frame that accesses a multibyte register as
the first entity in the data transfer must correctly set the starting
address in the instruction word to correspond to the ADDR_AS-
CENSION selection. In the case that the address counter automat-
ically decrements (ADDR_ASCENSION = 0), the starting address
is assigned to the register address for the most significant byte of
that multibyte register, and conversely, if configured to increment
automatically, the starting address must be set to the register
address for the least significant byte. As a result of the change
to ADDR_ASCENSION from automatic address decrement (0) to
automatic increment (1), Figure 91 and Figure 92 change as shown
in Figure 94 and Figure 95 to accommodate the changes in data
phase byte order and instruction phase multibyte register start
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com