công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 256 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 256 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 252Page - Motorola, Inc HCS08 Datasheet HTML 253Page - Motorola, Inc HCS08 Datasheet HTML 254Page - Motorola, Inc HCS08 Datasheet HTML 255Page - Motorola, Inc HCS08 Datasheet HTML 256Page - Motorola, Inc HCS08 Datasheet HTML 257Page - Motorola, Inc HCS08 Datasheet HTML 258Page - Motorola, Inc HCS08 Datasheet HTML 259Page - Motorola, Inc HCS08 Datasheet HTML 260Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 290 page
background image
Development Support
MC9S08GB/GT
256
MOTOROLA
ARM — Arm Control
Controls whether the debugger is comparing and storing information in the FIFO. A write is used to
set this bit (and the ARMF bit) and completion of a debug run automatically clears it. Any debug run
can be manually stopped by writing 0 to ARM or to DBGEN.
1 = Debugger armed.
0 = Debugger not armed.
TAG — Tag/Force Select
Controls whether break requests to the CPU will be tag or force type requests. If BRKEN = 0, this bit
has no meaning or effect.
1 = CPU breaks requested as tag type requests.
0 = CPU breaks requested as force type requests.
BRKEN — Break Enable
Controls whether a trigger event will generate a break request to the CPU. Trigger events can cause
information to be stored in the FIFO without generating a break request to the CPU. For an end trace,
CPU break requests are issued to the CPU when the comparator(s) and R/W meet the trigger
requirements. For a begin trace, CPU break requests are issued when the FIFO becomes full. TRGSEL
does not affect the timing of CPU break requests.
1 = Triggers cause a break request to the CPU.
0 = CPU break requests not enabled.
RWA — R/W Comparison Value for Comparator A
When RWAEN = 1, this bit determines whether a read or a write access qualifies comparator A. When
RWAEN = 0, RWA and the R/W signal do not affect comparator A.
1 = Comparator A can only match on a read cycle.
0 = Comparator A can only match on a write cycle.
RWAEN — Enable R/W for Comparator A
Controls whether the level of R/W is considered for a comparator A match.
1 = R/W is used in comparison A.
0 = R/W is not used in comparison A.
RWB — R/W Comparison Value for Comparator B
When RWBEN = 1, this bit determines whether a read or a write access qualifies comparator B. When
RWBEN = 0, RWB and the R/W signal do not affect comparator B.
1 = Comparator B can match only on a read cycle.
0 = Comparator B can match only on a write cycle.
RWBEN — Enable R/W for Comparator B
Controls whether the level of R/W is considered for a comparator B match.
1 = R/W is used in comparison B.
0 = R/W is not used in comparison B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com