công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 252 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 252 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 248Page - Motorola, Inc HCS08 Datasheet HTML 249Page - Motorola, Inc HCS08 Datasheet HTML 250Page - Motorola, Inc HCS08 Datasheet HTML 251Page - Motorola, Inc HCS08 Datasheet HTML 252Page - Motorola, Inc HCS08 Datasheet HTML 253Page - Motorola, Inc HCS08 Datasheet HTML 254Page - Motorola, Inc HCS08 Datasheet HTML 255Page - Motorola, Inc HCS08 Datasheet HTML 256Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 290 page
background image
Development Support
MC9S08GB/GT
252
MOTOROLA
Figure 15-5 BDC Status and Control Register (BDCSCR)
ENBDM — Enable BDM (Permit Active Background Mode)
Typically, this bit is written to 1 by the debug host shortly after the beginning of a debug session or
whenever the debug host resets the target and remains 1 until a normal reset clears it.
1 = BDM can be made active to allow active background mode commands.
0 = BDM cannot be made active (non-intrusive commands still allowed).
BDMACT — Background Mode Active Status
This is a read-only status bit.
1 = BDM active and waiting for serial commands.
0 = BDM not active (user application program running).
BKPTEN — BDC Breakpoint Enable
If this bit is clear, the BDC breakpoint is disabled and the FTS (force tag select) control bit and
BDCBKPT match register are ignored.
1 = BDC breakpoint enabled.
0 = BDC breakpoint disabled.
FTS — Force/Tag Select
When FTS = 1, a breakpoint is requested whenever the CPU address bus matches the BDCBKPT
match register. When FTS = 0, a match between the CPU address bus and the BDCBKPT register
causes the fetched opcode to be tagged. If this tagged opcode ever reaches the end of the instruction
queue, the CPU enters active background mode rather than executing the tagged opcode.
1 = Breakpoint match forces active background mode at next instruction boundary (address need
not be an opcode).
0 = Tag opcode at breakpoint address and enter active background mode if CPU attempts to execute
that instruction.
CLKSW — Select Source for BDC Communications Clock
CLKSW defaults to 0 which selects the alternate BDC clock source.
1 = MCU bus clock.
0 = Alternate BDC clock source.
Bit 7
6
5
4321
Bit 0
Read:
ENBDM
BDMACT
BKPTEN
FTS
CLKSW
WS
WSF
DVF
Write:
Normal Reset:
0
0
0
00000
Reset in Active BDM:
1
1
0
01000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com