công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 202 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 202 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 198Page - Motorola, Inc HCS08 Datasheet HTML 199Page - Motorola, Inc HCS08 Datasheet HTML 200Page - Motorola, Inc HCS08 Datasheet HTML 201Page - Motorola, Inc HCS08 Datasheet HTML 202Page - Motorola, Inc HCS08 Datasheet HTML 203Page - Motorola, Inc HCS08 Datasheet HTML 204Page - Motorola, Inc HCS08 Datasheet HTML 205Page - Motorola, Inc HCS08 Datasheet HTML 206Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 290 page
background image
Serial Peripheral Interface (SPI) Module
MC9S08GB/GT
202
MOTOROLA
12.4.2 SPI Control Register 2 (SPIC2)
This read/write register is used to control optional features of the SPI system. Bits 7, 6, 5, and 2 are not
implemented and always read 0.
Figure 12-8 SPI Control Register 2 (SPIC2)
MODFEN — Master Mode-Fault Function Enable
When the SPI is configured for slave mode, this bit has no meaning or effect. (The SS pin is the slave
select input.) In master mode, this bit determines how the SS pin is used (refer to Table 12-1 for more
details).
1 = Mode fault function enabled, master SS pin acts as the mode fault input or the slave select
output.
0 = Mode fault function disabled, master SS pin reverts to general-purpose I/O not controlled by
SPI.
BIDIROE — Bidirectional Mode Output Enable
When bidirectional mode is enabled by SPI pin control 0 (SPC0) = 1, BIDIROE determines whether
the SPI data output driver is enabled to the single bidirectional SPI I/O pin. Depending on whether the
SPI is configured as a master or a slave, it uses either the MOSI (MOMI) or MISO (SISO) pin,
respectively, as the single SPI data I/O pin. When SPC0 = 0, BIDIROE has no meaning or effect.
1 = SPI I/O pin enabled as an output.
0 = Output driver disabled so SPI data I/O pin acts as an input.
SPISWAI — SPI Stop in Wait Mode
1 = SPI clocks stop when the MCU enters wait mode.
0 = SPI clocks continue to operate in wait mode.
SPC0 — SPI Pin Control 0
The SPC0 bit chooses single-wire bidirectional mode. If MSTR = 0 (slave mode), the SPI uses the
MISO (SISO) pin for bidirectional SPI data transfers. If MSTR = 1 (master mode), the SPI uses the
MOSI (MOMI) pin for bidirectional SPI data transfers. When SPC0 = 1, BIDIROE is used to enable
or disable the output driver for the single bidirectional SPI I/O pin.
1 = SPI configured for single-wire bidirectional operation.
0 = SPI uses separate pins for data input and data output.
Bit 7
6
54321
Bit 0
Read:
0
0
0
MODFEN BIDIROE
0
SPISWAI
SPC0
Write:
Reset:
0
0
000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com