công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 201 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 201 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 197Page - Motorola, Inc HCS08 Datasheet HTML 198Page - Motorola, Inc HCS08 Datasheet HTML 199Page - Motorola, Inc HCS08 Datasheet HTML 200Page - Motorola, Inc HCS08 Datasheet HTML 201Page - Motorola, Inc HCS08 Datasheet HTML 202Page - Motorola, Inc HCS08 Datasheet HTML 203Page - Motorola, Inc HCS08 Datasheet HTML 204Page - Motorola, Inc HCS08 Datasheet HTML 205Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
201
MC9S08GB/GT
SPTIE — SPI Transmit Interrupt Enable
This is the interrupt enable bit for SPI transmit buffer empty (SPTEF).
1 = When SPTEF is 1, hardware interrupt requested.
0 = Interrupts from SPTEF inhibited (use polling).
MSTR — Master/Slave Mode Select
1 = SPI module configured as a master SPI device.
0 = SPI module configured as a slave SPI device.
CPOL — Clock Polarity
This bit effectively places an inverter in series with the clock signal from a master SPI or to a slave SPI
device. Refer to 12.3.1 SPI Clock Formats for more details.
1 = Active-low SPI clock (idles high).
0 = Active-high SPI clock (idles low).
CPHA — Clock Phase
This bit selects one of two clock formats for different kinds of synchronous serial peripheral devices.
Refer to 12.3.1 SPI Clock Formats for more details.
1 = First edge on SPSCK occurs at the start of the first cycle of an 8-cycle data transfer.
0 = First edge on SPSCK occurs at the middle of the first cycle of an 8-cycle data transfer.
SSOE — Slave Select Output Enable
This bit is used in combination with the mode fault enable (MODFEN) bit in SPCR2 and the
master/slave (MSTR) control bit to determine the function of the SS pin as shown in Table 12-1.
LSBFE — LSB First (Shifter Direction)
1 = SPI serial data transfers start with least significant bit.
0 = SPI serial data transfers start with most significant bit.
Table 12-1 SS Pin Function
MODFEN
SSOE
Master Mode
Slave Mode
0
0
General-purpose I/O (not SPI)
Slave select input
0
1
General-purpose I/O (not SPI)
Slave select input
10
SS input for mode fault
Slave select input
1
1
Automatic SS output
Slave select input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com