công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 188 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 188 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 184Page - Motorola, Inc HCS08 Datasheet HTML 185Page - Motorola, Inc HCS08 Datasheet HTML 186Page - Motorola, Inc HCS08 Datasheet HTML 187Page - Motorola, Inc HCS08 Datasheet HTML 188Page - Motorola, Inc HCS08 Datasheet HTML 189Page - Motorola, Inc HCS08 Datasheet HTML 190Page - Motorola, Inc HCS08 Datasheet HTML 191Page - Motorola, Inc HCS08 Datasheet HTML 192Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 290 page
background image
Serial Communications Interface (SCI) Module
MC9S08GB/GT
188
MOTOROLA
RAF — Receiver Active Flag
RAF is set when the SCI receiver detects the beginning of a valid start bit, and RAF is cleared
automatically when the receiver detects an idle line. This status flag can be used to check whether an
SCI character is being received before instructing the MCU to go to stop mode.
1 = SCI receiver active (RxD input not idle).
0 = SCI receiver idle waiting for a start bit.
11.10.6 SCI x Control Register 3 (SCIxC3)
Figure 11-11 SCI x Control Register 3 (SCIxC3)
R8 — Ninth Data Bit for Receiver
When the SCI is configured for 9-bit data (M = 1), R8 can be thought of as a ninth receive data bit to
the left of the MSB of the buffered data in the SCIxD register. When reading 9-bit data, read R8 before
reading SCIxD because reading SCIxD completes automatic flag clearing sequences which could
allow R8 and SCIxD to be overwritten with new data.
T8 — Ninth Data Bit for Transmitter
When the SCI is configured for 9-bit data (M = 1), T8 may be thought of as a ninth transmit data bit
to the left of the MSB of the data in the SCIxD register. When writing 9-bit data, the entire 9-bit value
is transferred to the SCI shift register after SCIxD is written so T8 should be written (if it needs to
change from its previous value) before SCIxD is written. If T8 does not need to change in the new
value (such as when it is used to generate mark or space parity), it need not be written each time SCIxD
is written.
TXDIR — TxD Pin Direction in Single-Wire Mode
When the SCI is configured for single-wire half-duplex operation (LOOPS = RSRC = 1), this bit
determines the direction of data at the TxD pin.
1 = TxD pin is an output in single-wire mode.
0 = TxD pin is an input in single-wire mode.
ORIE — Overrun Interrupt Enable
This bit enables the overrun flag (OR) to generate hardware interrupt requests.
1 = Hardware interrupt requested when OR = 1.
0 = OR interrupts disabled (use polling).
Bit 7
654321
Bit 0
Read:
R8
T8
TXDIR
0
ORIE
NEIE
FEIE
PEIE
Write:
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com