công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 187 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 187 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 183Page - Motorola, Inc HCS08 Datasheet HTML 184Page - Motorola, Inc HCS08 Datasheet HTML 185Page - Motorola, Inc HCS08 Datasheet HTML 186Page - Motorola, Inc HCS08 Datasheet HTML 187Page - Motorola, Inc HCS08 Datasheet HTML 188Page - Motorola, Inc HCS08 Datasheet HTML 189Page - Motorola, Inc HCS08 Datasheet HTML 190Page - Motorola, Inc HCS08 Datasheet HTML 191Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
187
MC9S08GB/GT
OR — Receiver Overrun Flag
OR is set when a new serial character is ready to be transferred to the receive data register (buffer), but
the previously received character has not been read from SCIxD yet. In this case, the new character
(and all associated error information) is lost because there is no room to move it into SCIxD. To clear
OR, read SCIxS1 with OR = 1 and then read the SCI data register (SCIxD).
1 = Receive overrun (new SCI data lost).
0 = No overrun.
NF — Noise Flag
The advanced sampling technique used in the receiver takes seven samples during the start bit and
three samples in each data bit and the stop bit. If any of these samples disagrees with the rest of the
samples within any bit time in the frame, the flag NF will be set at the same time as the flag RDRF gets
set for the character. To clear NF, read SCIxS1 and then read the SCI data register (SCIxD).
1 = Noise detected in the received character in SCIxD.
0 = No noise detected.
FE — Framing Error Flag
FE is set at the same time as RDRF when the receiver detects a logic 0 where the stop bit was expected.
This suggests the receiver was not properly aligned to a character frame. To clear FE, read SCIxS1
with FE = 1 and then read the SCI data register (SCIxD).
1 = Framing error.
0 = No framing error detected. This does not guarantee the framing is correct.
PF — Parity Error Flag
PF is set at the same time as RDRF when parity is enabled (PE = 1) and the parity bit in the received
character does not agree with the expected parity value. To clear PF, read SCIxS1 and then read the
SCI data register (SCIxD).
1 = Parity error.
0 = No parity error.
11.10.5 SCI x Status Register 2 (SCIxS2)
This register has one read-only status flag. Writes have no effect.
Figure 11-10 SCI x Status Register 2 (SCIxS2)
Bit 7
654321
Bit 0
Read:
0000000
RAF
Write:
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com