công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 183 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 183 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 179Page - Motorola, Inc HCS08 Datasheet HTML 180Page - Motorola, Inc HCS08 Datasheet HTML 181Page - Motorola, Inc HCS08 Datasheet HTML 182Page - Motorola, Inc HCS08 Datasheet HTML 183Page - Motorola, Inc HCS08 Datasheet HTML 184Page - Motorola, Inc HCS08 Datasheet HTML 185Page - Motorola, Inc HCS08 Datasheet HTML 186Page - Motorola, Inc HCS08 Datasheet HTML 187Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
183
MC9S08GB/GT
LOOPS — Loop Mode Select
Selects between loop back modes and normal 2-pin full-duplex modes. When LOOPS = 1, the
transmitter output is internally connected to the receiver input.
1 = Loop mode or single-wire mode where transmitter outputs are internally connected to receiver
input. (See RSRC bit.) RxD pin is not used by SCI.
0 = Normal operation — RxD and TxD use separate pins.
SCISWAI — SCI Stops in Wait Mode
1 = SCI clocks freeze while CPU is in wait mode.
0 = SCI clocks continue to run in wait mode so the SCI can be the source of an interrupt that wakes
up the CPU.
RSRC — Receiver Source Select
This bit has no meaning or effect unless the LOOPS bit is set to 1. When LOOPS = 1, the receiver input
is internally connected to the TxD pin and RSRC determines whether this connection is also connected
to the transmitter output.
1 = Single-wire SCI mode where the TxD pin is connected to the transmitter output and receiver
input.
0 = Provided LOOPS = 1, RSRC = 0 selects internal loop back mode and the SCI does not use the
RxD or TxD pins.
M — 9-Bit or 8-Bit Mode Select
1 = Receiver and transmitter use 9-bit data characters
start + 8 data bits (LSB first) + 9th data bit + stop.
0 = Normal — start + 8 data bits (LSB first) + stop.
WAKE — Receiver Wakeup Method Select
Refer to 11.6.3 Receiver Wakeup Operation for more information.
1 = Address-mark wakeup.
0 = Idle-line wakeup.
ILT — Idle Line Type Select
Setting this bit to 1 ensures that the stop bit and logic 1 bits at the end of a character do not count toward
the 10 or 11 bit times of the logic high level by the idle line detection logic. Refer to 11.6.3.1 Idle-Line
Wakeup for more information.
1 = Idle character bit count starts after stop bit.
0 = Idle character bit count starts after start bit.
PE — Parity Enable
Enables hardware parity generation and checking. When parity is enabled, the most significant bit
(MSB) of the data character (eighth or ninth data bit) is treated as the parity bit.
1 = Parity enabled.
0 = No hardware parity generation or checking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com