công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 368 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 368 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 364Page - NXP Semiconductors HCS08 Datasheet HTML 365Page - NXP Semiconductors HCS08 Datasheet HTML 366Page - NXP Semiconductors HCS08 Datasheet HTML 367Page - NXP Semiconductors HCS08 Datasheet HTML 368Page - NXP Semiconductors HCS08 Datasheet HTML 369Page - NXP Semiconductors HCS08 Datasheet HTML 370Page - NXP Semiconductors HCS08 Datasheet HTML 371Page - NXP Semiconductors HCS08 Datasheet HTML 372Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
368
Freescale Semiconductor
A.14 USB Electricals
The USB electricals for the S08USBV1 module conform to the standards documented by the Universal
Serial Bus Implementers Forum. For the most up-to-date standards, visit http://www.usb.org.
If the Freescale S08USBV1 implementation has electrical characteristics that deviate from the standard or
require additional information, this space would be used to communicate that information.
A.15 EMC Performance
Electromagnetic compatibility (EMC) performance is highly dependant on the environment in which the
MCU resides. Board design and layout, circuit topology choices, location and characteristics of external
components as well as MCU software operation all play a significant role in EMC performance. The
system designer must consult Freescale applications notes such as AN2321, AN1050, AN1263, AN2764,
and AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
A.15.1
Radiated Emissions
Microcontroller radiated RF emissions are measured from 150 kHz to 1 GHz using the TEM/GTEM Cell
method in accordance with the IEC 61967-2 and SAE J1752/3 standards. The measurement is performed
with the microcontroller installed on a custom EMC evaluation board while running specialized EMC test
software. The radiated emissions from the microcontroller are measured in a TEM cell in two package
orientations (North and East). For more detailed information concerning the evaluation results, conditions
and setup, please refer to the EMC Evaluation Report for this device.
The maximum radiated RF emissions of the tested configuration in all orientations are less than or equal
to the reported emissions levels.
2 The frequency of this clock is controlled by a software setting.
3 These values are hardware state machine controlled. User code does not need to count cycles. This information
supplied for calculating approximate time to program and erase.
4 Typical endurance for Flash is based on the intrinsic bitcell performance. For additional information on how
Freescale Semiconductor defines typical endurance, please refer to Engineering Bulletin EB619/D, Typical
Endurance for Nonvolatile Memory.
5 Typical data retention values are based on intrinsic capability of the technology measured at high temperature and
de-rated to 25
°C using the Arrhenius equation. For additional information on how Freescale Semiconductor defines
typical data retention, please refer to Engineering Bulletin EB618/D, Typical Data Retention for Nonvolatile Memory.
Table A-17. Internal USB 3.3V Voltage Regulator Characteristics
Symbol
Unit
Min
Typ
Max
Regulator operating voltage
Vregin
V
3.9
—
5.5
VREG output
Vregout
V3
3.3
3.6
VUSB33 input with internal
VREG disabled
Vusb33in
V3
3.3
3.6
VREG Quiescent Current
IVRQ
mA
—
0.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com