công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 367 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 367 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 363Page - NXP Semiconductors HCS08 Datasheet HTML 364Page - NXP Semiconductors HCS08 Datasheet HTML 365Page - NXP Semiconductors HCS08 Datasheet HTML 366Page - NXP Semiconductors HCS08 Datasheet HTML 367Page - NXP Semiconductors HCS08 Datasheet HTML 368Page - NXP Semiconductors HCS08 Datasheet HTML 369Page - NXP Semiconductors HCS08 Datasheet HTML 370Page - NXP Semiconductors HCS08 Datasheet HTML 371Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 374 page
background image
Appendix A Electrical Characteristics
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
367
Figure A-13. SPI Slave Timing (CPHA = 1)
A.13 Flash Specifications
This section provides details about program/erase times and program-erase endurance for the flash
memory.
Program and erase operations do not require any special power sources other than the normal VDD supply.
For more detailed information about program/erase operations.
Table A-16. Flash Characteristics
Num
C
Characteristic
Symbol
Min
Typ1
1 Typical values are based on characterization data at V
DD = 5.0 V, 25°C unless otherwise stated.
Max
Unit
1
Supply voltage for program/erase
Vprog/erase
2.7
5.5
V
2
Supply voltage for read operation
VRead
2.7
5.5
V
3
Internal FCLK frequency2
fFCLK
150
200
kHz
4
Internal FCLK period (1/FCLK)
tFcyc
56.67
μs
5
Byte program time (random location)(2)
tprog
9tFcyc
6
Byte program time (burst mode)(2)
tBurst
4tFcyc
7
Page erase time3
tPage
4000
tFcyc
8
Mass erase time(2)
tMass
20,000
tFcyc
9
C
Program/erase endurance4
TL to TH = –40°C to + 85°C
T = 25
°C
10,000
—
—
100,000
—
—
cycles
10
Data retention5
tD_ret
15
100
—
years
SCK
(INPUT)
SCK
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
MSB IN
BIT 6 . . . 1
LSB IN
MSB OUT
SLAVE LSB OUT
BIT 6 . . . 1
SEE
(CPOL = 0)
(CPOL = 1)
SS
(INPUT)
NOTE:
SLAVE
NOTE
1. Not defined but normally LSB of character just received
1
2
3
4
6
7
8
9
10
11
4
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com