công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 204 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 204 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 200Page - NXP Semiconductors HCS08 Datasheet HTML 201Page - NXP Semiconductors HCS08 Datasheet HTML 202Page - NXP Semiconductors HCS08 Datasheet HTML 203Page - NXP Semiconductors HCS08 Datasheet HTML 204Page - NXP Semiconductors HCS08 Datasheet HTML 205Page - NXP Semiconductors HCS08 Datasheet HTML 206Page - NXP Semiconductors HCS08 Datasheet HTML 207Page - NXP Semiconductors HCS08 Datasheet HTML 208Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
204
Freescale Semiconductor
Figure 12-11. Flowchart of BLPI to FEE Mode Transition using a 4 MHz Crystal
12.5.2.4
Example # 4: Moving from FEI to PEE Mode: External Crystal = 8 MHz,
Bus Frequency = 8 MHz
In this example, the MCG will move through the proper operational modes from FEI to PEE mode until
the 8 MHz crystal reference frequency is set to achieve a bus frequency of 8 MHz.
This example is similar to example number one except that in this case the frequency of the external crystal
is 8 MHz instead of 4 MHz. Special consideration must be taken with this case since there is a period of
time along the way from FEI mode to PEE mode where the FLL operates based on a reference clock with
a frequency that is greater than the maximum allowed for the FLL. This occurs because with an 8 MHz
MCGC2 = $36
CHECK
OSCINIT = 1 ?
MCGC1 = $38
CHECK
IREFST = 0?
CHECK
CLKST = %00?
CONTINUE
IN FEE MODE
START
IN BLPI MODE
YES
YES
NO
NO
NO
MCGC2 = $00
OPTIONAL:
CHECK LOCK
= 1?
YES
NO
YES
OPTIONAL:
CHECK LOCK
= 1?
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com