công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 196 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 196 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors HCS08 Datasheet HTML 194Page - NXP Semiconductors HCS08 Datasheet HTML 195Page - NXP Semiconductors HCS08 Datasheet HTML 196Page - NXP Semiconductors HCS08 Datasheet HTML 197Page - NXP Semiconductors HCS08 Datasheet HTML 198Page - NXP Semiconductors HCS08 Datasheet HTML 199Page - NXP Semiconductors HCS08 Datasheet HTML 200Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
196
Freescale Semiconductor
•
BDIV=00 (divide by 1), RDIV
< 010
BDIV=01 (divide by 2), RDIV
< 011
12.5
Initialization / Application Information
This section describes how to initialize and configure the MCG module in application. The following
sections include examples on how to initialize the MCG and properly switch between the various available
modes.
12.5.1
MCG Module Initialization Sequence
The MCG comes out of reset configured for FEI mode with the BDIV set for divide-by-2. The internal
reference will stabilize in tirefst microseconds before the FLL can acquire lock. As soon as the internal
reference is stable, the FLL will acquire lock in tfll_lock milliseconds.
Upon POR, the internal reference will require trimming to guarantee an accurate clock. Freescale
recommends using FLASH location 0xFFAE for storing the fine trim bit, FTRIM in the MCGSC register,
and 0xFFAF for storing the 8-bit trim value in the MCGTRM register. The MCU will not automatically
copy the values in these FLASH locations to the respective registers. Therefore, user code must copy these
values from FLASH to the registers.
NOTE
The BDIV value should not be changed to divide-by-1 without first
trimming the internal reference. Failure to do so could result in the MCU
running out of specification.
12.5.1.1
Initializing the MCG
Because the MCG comes out of reset in FEI mode, the only MCG modes which can be directly switched
to upon reset are FEE, FBE, and FBI modes (see Figure 12-8). Reaching any of the other modes requires
first configuring the MCG for one of these three initial modes. Care must be taken to check relevant status
bits in the MCGSC register reflecting all configuration changes within each mode.
To change from FEI mode to FEE or FBE modes, follow this procedure:
1. Enable the external clock source by setting the appropriate bits in MCGC2.
2. Write to MCGC1 to select the clock mode.
— If entering FEE, set RDIV appropriately, clear the IREFS bit to switch to the external reference,
and leave the CLKS bits at %00 so that the output of the FLL is selected as the system clock
source.
— If entering FBE, clear the IREFS bit to switch to the external reference and change the CLKS
bits to %10 so that the external reference clock is selected as the system clock source. The
RDIV bits should also be set appropriately here according to the external reference frequency
because although the FLL is bypassed, it is still on in FBE mode.
— The internal reference can optionally be kept running by setting the IRCLKEN bit. This is
useful if the application will switch back and forth between internal and external modes. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com