công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 128 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 128 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 124Page - NXP Semiconductors S32Z2 Datasheet HTML 125Page - NXP Semiconductors S32Z2 Datasheet HTML 126Page - NXP Semiconductors S32Z2 Datasheet HTML 127Page - NXP Semiconductors S32Z2 Datasheet HTML 128Page - NXP Semiconductors S32Z2 Datasheet HTML 129Page - NXP Semiconductors S32Z2 Datasheet HTML 130Page - NXP Semiconductors S32Z2 Datasheet HTML 131Page - NXP Semiconductors S32Z2 Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
Document ID
Release date
Description
— For VIN, added footnote about DC case limit
— For existing V_OS_US_* specifications, added "3.3V" to Condition text
— Added new V_OS_US_10 specification for 1.8V
• In Operating Conditions
— For fSYS_R52, changed Max from 800 MHz to 1 GHz and added
Condition text and related footnote
— For both VDD_IO_ETH_n specifications, added Condition text
— For VIN_33 and VIN_18, added footnote about DC case limit
— For ΔVDD_HV_18_ANA, added footnote about VREFH_ADCn
— Added "ADC supply sequencing" diagram
• In Device Power and Operating Current Specifications, added
PVDD_IO_QSPI_0 and PVDD_IO_QSPI_1 specifications
• Moved content of "Power Sequencing" section into Power-up subsection, added
table in Power-up subsection, and added Power-down subsection
• In Reset related pad electrical characteristics, after "RESET_B pad detailed
behavior" diagram, added text: "The RESET_B pad behavior described in the
diagram and the related VRSE_RESET_B parameter spec also apply to the
case of core VDD droop after power-up."
• In Reset Duration, added diagrams:
— Reset_b pad detailed behavior during core supply brownout
— Reset_b pad detailed behavior during pad HV supply brownout
— Reset_b pad detailed behavior during power down
• In Clock frequency ranges
— For fP0_PSI5_189K_CLK. changed Max from 6.048 MHz to 6.0606 MHz
— For fRTU0_CORE_CLK and fRTU1_CORE_CLK, changed Max from 900
MHz to 1 GHz, expanded Condition text, and added related footnote
— For fRTU0_CORE_DIV2_CLK and fRTU1_CORE_DIV2_CLK, changed
Max from 450 MHz to 500 MHz, expanded Condition text, and added
related footnote
• In PLL
— For fPLL_CORE_PHI0, changed Max from 900 MHz to 1000 MHz,
expanded Condition text, and added footnote
— For fPLL_DDR_PHI0
◦ Removed single specification with Min of 800 MHz and Max of 1620
MHz
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
128 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com