công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 129 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 129 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 125Page - NXP Semiconductors S32Z2 Datasheet HTML 126Page - NXP Semiconductors S32Z2 Datasheet HTML 127Page - NXP Semiconductors S32Z2 Datasheet HTML 128Page - NXP Semiconductors S32Z2 Datasheet HTML 129Page - NXP Semiconductors S32Z2 Datasheet HTML 130Page - NXP Semiconductors S32Z2 Datasheet HTML 131Page - NXP Semiconductors S32Z2 Datasheet HTML 132Page - NXP Semiconductors S32Z2 Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
Document ID
Release date
Description
◦ Added four specifications with varying Condition text and footnotes,
each with a single value for both Min and Max: 266 MHz, 333 MHz,
400 MHz, and 405 MHz
• In DFS
— For fDFS_CORE_CLK0, changed Max from 900 MHz to 1000 MHz,
expanded Condition text, and added footnote
— For fDFS_PER_CLK5, changed Max from 333 MHz to 330 MHz
• In Microsecond channel (MSC)
— Removed Note and tCSC and tASC specifications
— Added tCSV and tCSH specifications as well as diagram
— For tSUO, changed 6 ns value from Min to Max
• Removed "I3C Push-Pull Timing Parameters for SDR Mode" section
• Added CAN
• In IEEE1588 interface, removed tT1588OV specification
• For QuadSPI, removed tISU_SCK and tIH_SCK specifications from
— QuadSPI Quad 1.8V DDR 80MHz
— QuadSPI Quad 1.8V SDR 133MHz
— QuadSPI Octal 1.8V SDR 133MHz
— QuadSPI Quad 3.3V SDR 133MHz
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 DDR, renamed section (was "uSDHC
DDR-52MHz") and figure, and added text preceding table: "All uSDHC
parameters are measured at mid-supply (VDD_IO_SDHC/2)."
• In uSDHC eMMC5.1 DDR-HS400, removed "HS400 mode uSDHC output
timing" and "HS400 mode uSDHC input timing" diagrams, and added
text preceding table: "All uSDHC parameters are measured at mid-supply
(VDD_IO_SDHC/2)."
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 SDR, renamed section (was "uSDHC
SDR-52MHz") and figure, and added text preceding table: "All uSDHC
parameters are measured at mid-supply (VDD_IO_SDHC/2)."
• In uSDHC eMMC5.1 SDR-HS200, added text preceding table: "All uSDHC
parameters are measured at mid-supply (VDD_IO_SDHC/2)."
Document ID
Release date
Description
S32Z27 v.2.A
June 2022
• Throughout: Changed S32E27 to S32E2, changed S32Z27 to S32Z2, and
removed references to S32S27
• In "Block diagram" section figure, in "Math/ML acceleration" block: Removed
"CEVA_SPF2" and changed "Vector DSP" to "FP Vector DSP"
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
129 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com